Electronic Components Datasheet Search
  English  ▼

X  

P010230 Datasheet(PDF) 1 Page - E-SWITCH

Part # P010230
Description  ALL DIMENSIONS IN MM [INCH]
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

P010230 Datasheet(HTML) 1 Page - E-SWITCH

  P010230 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ISOMETRIC
ISOMETRIC
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
TL1105LF250R
4:1
9/30/2009
P010230
A
BLR
1
1
P.C.B. LAYOUT
NOTES:
1. ALL DIMENSIONS IN MM
2. GENERAL TOLERANCE: X.X=±0.4
X.XX=±0.25
3. TERM. NOS. FOR REFERENCE ONLY.
4. RATING: 50mA @ 12VDC (GOLD CONTACTS)
5. OPERATING FORCE: 250 ` 50 gf
6. TRAVEL: 0.25 +0.2 / -0.1 mm
7. CONTACT RESISTANCE: 100 Milli-OHMS max.
8. DIELECTRIC STRENGTH: 250V RMS min.
9. INSULATION RESISTANCE: 100 Mega-OHMS min.
10. LIFE EXPECTANCY: 1,000,000 CYCLES min.
11. CONTACT MATERIAL: GOLD DOME
12. OPERATING TEMP: -30°C TO 85°C
13.
DENOTES CRITICAL PARAMETER
14. 2002/95/EC (ROHS) COMPLIANT
3
4
2
1
3
4
2
1
7.80
[.307 in]
.70
[.028 in] TYP.
6.50
[.256 in]
3.50
[.138 in]
4.50 `.20
.177 `.008 in
[
]
6.50 `.10
.256 `.004 in
[
]
4.50 `.10
.177 `.004 in
[
]
1.00
n
`.05
.039 `.002 in
[
]
2
4
3
CIRCUIT: SPST
1
1.80
[.071 in]
A
18661
Released For Production
9/30/09
BLR
17.00
[.669 in]
.70
[.028 in]
.30
[.012 in]
3.60
[.142 in]
2.80
[.110 in]
Ø
n3.5
[.14 in]
.40
[.016 in]MAX.
USE GOLD DOME
P990004
6.00
[.236 in]


Similar Part No. - P010230

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
P010236 E-SWITCH-P010236 Datasheet
104Kb / 1P
ALL DIMENSIONS IN MM [INCH]
P010237 E-SWITCH-P010237 Datasheet
131Kb / 1P
ALL DIMENSIONS IN MM [INCH]
P010239 E-SWITCH-P010239 Datasheet
100Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results

Similar Description - P010230

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T700103 E-SWITCH-T700103 Datasheet
30Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T700203 E-SWITCH-T700203 Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T700400 E-SWITCH-T700400 Datasheet
31Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T800300 E-SWITCH-T800300 Datasheet
66Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T800501 E-SWITCH-T800501 Datasheet
41Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T811002 E-SWITCH-T811002 Datasheet
76Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0106P E-SWITCH-XR0106P Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0108P E-SWITCH-XR0108P Datasheet
33Kb / 1P
ALL DIMENSIONS IN MM[INCH]
B401000 E-SWITCH-B401000 Datasheet
154Kb / 1P
ALL DIMENSIONS IN MM [INCH]
B401006 E-SWITCH-B401006 Datasheet
203Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com