Electronic Components Datasheet Search
  English  ▼

X  

PX0413 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # PX0413
Description  400 Series Buccaneer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PX0413 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  PX0413 Datasheet HTML 1Page - List of Unclassifed Manufacturers PX0413 Datasheet HTML 2Page - List of Unclassifed Manufacturers PX0413 Datasheet HTML 3Page - List of Unclassifed Manufacturers PX0413 Datasheet HTML 4Page - List of Unclassifed Manufacturers PX0413 Datasheet HTML 5Page - List of Unclassifed Manufacturers PX0413 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.bulgin.com
42
BUCCANEER FOR POWER
bulgin
a brand of Elektron Technology
CRIMP CONTACTS
Pole
Current Rating
Pin
Socket
Pack Qty
Cable Acceptance (dia)
2, 3
8A
SA3350
SA3349
10
20 - 24 AWG
4, 6, 8
5A
SA3348
SA3347
10
22 - 26 AWG
10, 12
1A
SA3180
SA3179
10
24 - 28 AWG
SOLDER CONTACTS
Pole
Current Rating
Pin
Socket
Pack Qty
Cable Acceptance (dia)
2, 3
8A
SA3350/1
SA3349/1
10
20 - 24 AWG
4, 6, 8
5A
SA3348/1
SA3347/1
10
22 - 26 AWG
10, 12
1A
SA3180/1
SA3179/1
10
24 - 28 AWG
CONTACT INSERTION TOOLS
Poles
Contact
Colour
Part No
rating
Insertion/Extraction Tool
2,3
8A
Blue
13027/2
Insertion/Extraction Tool
4,6,8
5A
Red
13027/1
Insertion/Extraction Tool
10,12
1A
Green
13027
CRIMP TOOLS
Pole
Contact
Colour
Part No
rating
Positioner
2,3
8A
Blue
14025/8AMP
Positioner
4,6,8
5A
Red
14025/5AMP
Positioner
10,12
1A
Green
14025/1AMP
8 Indent Crimp Tool for use with positioners
14025
Plugs
Contact numbers viewed from rear of panel
CONTACT LAYOUT
2 pole
3 pole
4 pole
6 pole
8 pole
10 pole
12 pole
(8 Amp)
(8 Amp)
(5 Amp)
(5 Amp)
(5 Amp)
(1 Amp)
(1 Amp)
PCB CONTACT LAYOUT
Sockets
Contact numbers viewed from rear of panel
400 Series Buccaneer



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com