Electronic Components Datasheet Search
  English  ▼

X  

HD74LS642 Datasheet(PDF) 3 Page - Hitachi Semiconductor

Part # HD74LS642
Description  Octal Bus Transceivers(inverted open-collector outputs)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74LS642 Datasheet(HTML) 3 Page - Hitachi Semiconductor

  HD74LS642 Datasheet HTML 1Page - Hitachi Semiconductor HD74LS642 Datasheet HTML 2Page - Hitachi Semiconductor HD74LS642 Datasheet HTML 3Page - Hitachi Semiconductor HD74LS642 Datasheet HTML 4Page - Hitachi Semiconductor HD74LS642 Datasheet HTML 5Page - Hitachi Semiconductor HD74LS642 Datasheet HTML 6Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Hitachi Code
JEDEC
EIAJ
Weight (reference value)
DP-20N
—
Conforms
1.26 g
Unit: mm
7.62
0.25
+ 0.11
– 0.05
2.54
± 0.25
0.48
± 0.10
24.50
25.40 Max
0.89
1.30
1
10
11
20
0
° – 15°
1.27 Max



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com