Electronic Components Datasheet Search
  English  ▼

X  

PCSDR129 Datasheet(PDF) 1 Page - Allied Components International

Part # PCSDR129
Description  Power Chip Shielded Inductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

PCSDR129 Datasheet(HTML) 1 Page - Allied Components International

  PCSDR129 Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Power Chip Shielded Inductors
PCSDR129
15
Features
• Magnetically Shielded
• Expanded operating temp range
• Low DC Resistance
• High Energy Storage
Electrical
Test Equipment
Physical
Packaging:
300 pieces per 13 inch reel.
DCR
I sat
Allied
Part
Number
Inductance
(
µh)
T
olerance
(%)
T
est
Freq.
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
RoHS
(A) Typ
• High saturation current
Inductance Range:
100uH~220uH
other valules available
Tolerance:
20%,
Test Frequency:
1KHz, 0.25V
Operating Temp:
-40ºC ~ +105ºC
Irms:
Current at which the delta
Resistance to Soldering Heat
Pre-Heat 150ºC, 1 Min.
Solder Composition:
Sn/Ag3.0/Cu0.5
Solder Temp:
260ºC +/- 5ºC
Immersion time:
10 sec. +/- 1 sec.
(L):
HP 4284A LCR meter or equivalent
(RDC):
HP 4338B Millohm meter or
equivalent
(IDC):
3260B WK & DC Bias 3265B WK
Marking:
EIA Inductance Code.
04/06/14
Dimensions:
Inches
(mm)
KHz, 0.25V
All specifications subject to change without notice.
I rms
(A) Max
• Low Energy Loss
• Suitable for pick and place
T=40ºC
Isat:
Current at which the inductance
drops 10% from initial value
PCSDR129-101M-RC
100
20
100
125
3.1
2.4
0.492
12.5
0.492
12.5
0.413
10.5)
0.197
5.0
0.299
7.6
(mΩ) Max
PCSDR129-221M-RC
220
20
100
300
2.2
1.7


Similar Part No. - PCSDR129

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PCSDR124 ALLIED-PCSDR124 Datasheet
403Kb / 1P
Power Chip Shielded Inductors
PCSDR124-100M-RC ALLIED-PCSDR124-100M-RC Datasheet
403Kb / 1P
Power Chip Shielded Inductors
PCSDR124-100M-RC ALLIED-PCSDR124-100M-RC Datasheet
403Kb / 1P
Power Chip Shielded Inductors
PCSDR124-101M-RC ALLIED-PCSDR124-101M-RC Datasheet
403Kb / 1P
Power Chip Shielded Inductors
PCSDR124-101M-RC ALLIED-PCSDR124-101M-RC Datasheet
403Kb / 1P
Power Chip Shielded Inductors
More results

Similar Description - PCSDR129

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PCS5D28-1R0N-RC ALLIED-PCS5D28-1R0N-RC Datasheet
394Kb / 1P
Power Chip Shielded Inductors
PCS2D09 ALLIED-PCS2D09 Datasheet
410Kb / 1P
Power Chip Shielded Inductors
PCS6D28 ALLIED-PCS6D28 Datasheet
366Kb / 1P
Power Chip Shielded Inductors
PCS6D38 ALLIED-PCS6D38 Datasheet
355Kb / 1P
Power Chip Shielded Inductors
PCS105 ALLIED-PCS105 Datasheet
370Kb / 1P
Power Chip Shielded Inductors
PCS125 ALLIED-PCS125 Datasheet
359Kb / 1P
Power Chip Shielded Inductors
PCSDR124 ALLIED-PCSDR124 Datasheet
403Kb / 1P
Power Chip Shielded Inductors
PCSHC2D18 ALLIED-PCSHC2D18 Datasheet
378Kb / 1P
Power Chip Shielded Inductors
PCSLF1275 ALLIED-PCSLF1275 Datasheet
366Kb / 1P
Power Chip Shielded Inductors
PCSLF1275 ALLIED-PCSLF1275 Datasheet
366Kb / 1P
Power Chip Shielded Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com