Electronic Components Datasheet Search
  English  ▼

X  

P040071 Datasheet(PDF) 1 Page - E-SWITCH

Part # P040071
Description  ALL DIMENSIONS IN MM [INCH]
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

P040071 Datasheet(HTML) 1 Page - E-SWITCH

  P040071 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ISOMETRIC
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
EG2201A
2:1
6/1/94
P040071
D
MM
1
1
P.C. MOUNTING
16.00
[.630 in]
6.50
[.256 in]
8.00
[.315 in]
3.40
[.134 in]
6.00
[.236 in]
.50
[.020 in]
4.00
[.157 in]
3.00
[.118 in]
8.00
[.315 in]
3.00
[.118 in]
12.00
[.472 in]
.50
[.020 in] TYP.
4.00
[.157 in] TYP.
1.00
[.039 in]
15.0 `.3
.59 `.01 in
[
]
3.50
[.138 in]
6.0 `.3
.24 `.01 in
[
]
2.50
[.098 in]
.50
[.020 in]
.40
[.016 in] TYP.
3.00
[.118 in]
2.50
[.098 in]
D
14648
REVISED AND REDRAWN
1/31/05
AR
15.00
[.591 in]
6.00
[.236 in]
4.00
[.157 in]
3.50
[.138 in]
2.50
[.098 in]
n1.50
[.059 in]
4 PLACES
n.70
[.028 in]
6 PLACES
CIRCUIT DIAGRAM
PUSH
1
2
3
4
5
6
NOTES:
1. ALL DIMENSIONS IN MM
2. GENERAL TOLERANCE: X.X=±0.4
X.XX=±0.25
3. TERM. NOS. FOR REFERENCE ONLY.
4. RATING: 0.2A, 30VDC RESISTIVE LOAD
5. OPERATING FORCE: 200 `100 GF
6.
DENOTES CRITICAL PARAMETER
4
5
6
6
3


Similar Part No. - P040071

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
P040070 E-SWITCH-P040070 Datasheet
51Kb / 1P
ALL DIMENSIONS IN MM [INCH]
P040072 E-SWITCH-P040072 Datasheet
25Kb / 1P
ALL DIMENSIONS IN MM [INCH]
P040074 E-SWITCH-P040074 Datasheet
37Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results

Similar Description - P040071

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T700103 E-SWITCH-T700103 Datasheet
30Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T700203 E-SWITCH-T700203 Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T700400 E-SWITCH-T700400 Datasheet
31Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T800300 E-SWITCH-T800300 Datasheet
66Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T800501 E-SWITCH-T800501 Datasheet
41Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T811002 E-SWITCH-T811002 Datasheet
76Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0106P E-SWITCH-XR0106P Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0108P E-SWITCH-XR0108P Datasheet
33Kb / 1P
ALL DIMENSIONS IN MM[INCH]
B401000 E-SWITCH-B401000 Datasheet
154Kb / 1P
ALL DIMENSIONS IN MM [INCH]
B401006 E-SWITCH-B401006 Datasheet
203Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com