Electronic Components Datasheet Search
  English  ▼

X  

P112714 Datasheet(PDF) 1 Page - E-SWITCH

Part # P112714
Description  ALL DIMENSIONS IN MM [INCH]
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

P112714 Datasheet(HTML) 1 Page - E-SWITCH

  P112714 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
EG2273
5/22/2013
P112714
A
EBP
1
1
4
5
6
1
2
3
A
21136
NEW RELEASE
5/22/13
EBP
NOTES:
1. ALL DIMENSIONS IN MM[INCH]
2. GENERAL TOLERANCE:
X.X= `0.4
X.XX=`0.25
3.
DENOTES CRITICAL PARAMETER
4. TERM NOS. FOR REF ONLY
5 RATING: 6VDC .3A
6. OPERATING FORCE: 200 ` 150 GRAMS
7. LIFE CYCLES: 10,000 CYCLES
8.CONTACT RESISTANCE (INITIAL): 70 mΩ MAX.
9. 2002/95/EC (ROHS) COMPLIANT
10. DIELECTIC STRENGTH: 500VAC FOR 1 MINUTE
11. INSULATION RESISTANCE: 500VDC, 100 mΩ MIN
12. TIMING: NON-SHORTING
13. PLATING: SILVER
3.30
[.130 in]
2.50
[.098 in]
TYP.
n1.00
[.039 in]
(6)
P.C. MOUNTING
2
1
3
5
4
6
CIRCUIT: DPDT
1
2
3
3
6
4
5
6
1
2
3
9.00
[.354 in]
3.50
[.138 in]
1.75
[.069 in]
2.00
[.079 in]
TRAVEL
1.50
[.059 in]
1.50
[.059 in]
3.30
[.130 in]
.30
[.012 in]
2.50
[.098 in]
2.50
[.098 in]
2.00
[.079 in]
1.20
[.047 in]
3.50
[.138 in]
.60
[.024 in]
2.00
[.079 in]
DETENT SPRING PLATE
WILL DEFORM OUTWARD
DURING SWITCH TRAVEL
UP TO .30 [.012 in]


Similar Part No. - P112714

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
P1127E-871 AXIOMTEK-P1127E-871 Datasheet
370Kb / 2P
Flexible expansion interface
P1127E-871 AXIOMTEK-P1127E-871_16 Datasheet
436Kb / 2P
Easy installation: Less screw design for users convenience
P1127E-871 AXIOMTEK-P1127E-871_17 Datasheet
437Kb / 2P
12.1 XGA TFT Expandable Industrial Touch Panel Computer with 3rd Gen
More results

Similar Description - P112714

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T700103 E-SWITCH-T700103 Datasheet
30Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T700203 E-SWITCH-T700203 Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T700400 E-SWITCH-T700400 Datasheet
31Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T800300 E-SWITCH-T800300 Datasheet
66Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T800501 E-SWITCH-T800501 Datasheet
41Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T811002 E-SWITCH-T811002 Datasheet
76Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0106P E-SWITCH-XR0106P Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0108P E-SWITCH-XR0108P Datasheet
33Kb / 1P
ALL DIMENSIONS IN MM[INCH]
B401000 E-SWITCH-B401000 Datasheet
154Kb / 1P
ALL DIMENSIONS IN MM [INCH]
B401006 E-SWITCH-B401006 Datasheet
203Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com