Electronic Components Datasheet Search
  English  ▼

X  

P156002 Datasheet(PDF) 1 Page - E-SWITCH

Part # P156002
Description  All Dimension In MM
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

P156002 Datasheet(HTML) 1 Page - E-SWITCH

  P156002 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ISOMETRIC
ISOMETRIC
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
TL1105WF250R
4:1
10/9/2009
P156002
B
BLR
1
1
P.C.B. LAYOUT
2.50
[.098 in]
3.15
[.124 in]
1.00
[.039 in]
.30
[.012 in]
4.00
[.157 in]
.40
[.016 in]
2.50
[.098 in]
8.40 `.30
.331 `.012 in
[
]
.40
[.016 in]
.70
[.028 in]
4.50
[.177 in]
1
2
CIRCUIT: SPST
7.00 `.10
.276 `.004 in
[
]
2.50
[.098 in]
n1.30
[.051 in]
n1.00
[.039 in]
4.50 `.10
.177 `.004 in
[
]
NOTES:
1. ALL DIMENSIONS IN MM
2. GENERAL TOLERANCE: X.X=±0.4
X.XX=±0.25
3. TERM. NOS. FOR REFERENCE ONLY.
4. RATING: 50mA @12VDC
5. OPERATING FORCE: 250`50 gms
6. TRAVEL: 0.3mm ±0.15
7. CONTACT RESISTANCE: 100 mΩ MAX. (INITIAL)
8. MECHANICAL/ELECTRICAL LIFE: 100,000 CYCLES MIN.
9. CONTACT MATERIAL: GOLD
10.
DENOTES CRITICAL PARAMETER
11. 2002/95/EC (ROHS) COMPLIANT
A
18227
RELEASED FOR PRODUCTION
9/9/08
BLR
GOLD DOME
P990004
(INSTALLED)
n3.50
[.138 in]
3.50
[.138 in]
7.00
[.276 in]
.80
[.031 in]
1.90
[.075 in]
7.10
[.280 in]
6.00
[.236 in]
3.70
[.146 in]
.25
[.010 in]
3.50
[.138 in]
n
max. ACTUATOR
(IF USED)
7.00
[.276 in]
B
B
18677
LEG TOLERANCE WAS +/- 0.1
10/9/09
BLR


Similar Part No. - P156002

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P156000 TRIPPLITE-P156000 Datasheet
480Kb / 2P
Compact-Slimline DB25 Gender Changer (M-M)
More results

Similar Description - P156002

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
XR0119B E-SWITCH-XR0119B Datasheet
26Kb / 1P
All Dimension In MM
XR0123B E-SWITCH-XR0123B Datasheet
27Kb / 1P
All Dimension In MM
XR0126B E-SWITCH-XR0126B Datasheet
27Kb / 1P
All Dimension In MM
XR0143P E-SWITCH-XR0143P Datasheet
35Kb / 1P
All Dimension In MM
XR0144P E-SWITCH-XR0144P Datasheet
35Kb / 1P
All Dimension In MM
XR0150P E-SWITCH-XR0150P Datasheet
26Kb / 1P
All Dimension In MM
XR0153P E-SWITCH-XR0153P Datasheet
26Kb / 1P
All Dimension In MM
XR0166P E-SWITCH-XR0166P Datasheet
35Kb / 1P
All Dimension In MM
XR0180P E-SWITCH-XR0180P Datasheet
33Kb / 1P
All Dimension In MM
M301100 E-SWITCH-M301100 Datasheet
34Kb / 1P
All Dimension In MM
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com