Electronic Components Datasheet Search
  English  ▼

X  

P410003 Datasheet(PDF) 1 Page - E-SWITCH

Part # P410003
Description  All Dimension In MM
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

P410003 Datasheet(HTML) 1 Page - E-SWITCH

  P410003 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
TL1014BF220QG
1/18/2013
P410003
B
rc
1
1
3
1
4
2
4
2
3
1
4
2
A
20976
New Release
1/18/13
rc
6.40
[.252 in]
4.70
[.185 in]
4.50
[.177 in]
3.50
[.138 in]
1.70
[.067 in]
.60
[.024 in]
1.65
[.065 in]
.20
[.008 in]
1.40
[.055 in]
4.40
[.173 in]
6.80
[.268 in]
.70
[.028 in]
2.70
[.106 in]
3
4
2
CIRCUIT: SPST
1
NOTES:
1. ALL DIMENSIONS IN MM
2. GENERAL TOLERANCE: X.X=±0.4
X.XX=±0.25
3. TERM. NOS. FOR REFERENCE ONLY.
4. RATING: 12VDC, 50mA
5. OPERATING FORCE: 220 50 gms
6. TRAVEL: 0.3mm +0.1/-0.2
7. CONTACT RESISTANCE: 100 MILLI OHMS MAX. (INITIAL)
8. MECHANICAL/ELECTRICAL LIFE 100,000 CYCLES MIN.
9. PACKAGE: TAPE AND REEL - 3300 PIECES PER REEL
10.
DENOTES CRITICAL PARAMETER
12. 2002/95/EC (ROHS) COMPLIANT.
HOUSING COLOR
BLACK
ACTUATOR COLOR
BLACK
2.75
[.108 in]
.60
[.024 in]
.50
[.020 in]
2.75
[.108 in]
.75
[.030 in]
2 PLS
B
21620
CHG MATERIAL COLORS TO BLACK
10/14/14
AS
B
B


Similar Part No. - P410003

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
P410000 E-SWITCH-P410000 Datasheet
88Kb / 1P
All Dimension In MM
P410001 E-SWITCH-P410001 Datasheet
87Kb / 1P
All Dimension In MM
P410002 E-SWITCH-P410002 Datasheet
108Kb / 1P
All Dimension In MM
P410004 E-SWITCH-P410004 Datasheet
109Kb / 1P
All Dimension In MM
logo
Tripp Lite. All Rights ...
P410007SR TRIPPLITE-P410007SR Datasheet
464Kb / 2P
Fax-Modem Flat Silver Patch Cable (RJ11 M-M), 7-ft
More results

Similar Description - P410003

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
XR0119B E-SWITCH-XR0119B Datasheet
26Kb / 1P
All Dimension In MM
XR0123B E-SWITCH-XR0123B Datasheet
27Kb / 1P
All Dimension In MM
XR0126B E-SWITCH-XR0126B Datasheet
27Kb / 1P
All Dimension In MM
XR0143P E-SWITCH-XR0143P Datasheet
35Kb / 1P
All Dimension In MM
XR0144P E-SWITCH-XR0144P Datasheet
35Kb / 1P
All Dimension In MM
XR0150P E-SWITCH-XR0150P Datasheet
26Kb / 1P
All Dimension In MM
XR0153P E-SWITCH-XR0153P Datasheet
26Kb / 1P
All Dimension In MM
XR0166P E-SWITCH-XR0166P Datasheet
35Kb / 1P
All Dimension In MM
XR0180P E-SWITCH-XR0180P Datasheet
33Kb / 1P
All Dimension In MM
M301100 E-SWITCH-M301100 Datasheet
34Kb / 1P
All Dimension In MM
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com