Electronic Components Datasheet Search
  English  ▼

X  

PCSV60 Datasheet(PDF) 1 Page - Allied Components International

Part # PCSV60
Description  SMD SHIELDED POWER CHIP INDUCTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

PCSV60 Datasheet(HTML) 1 Page - Allied Components International

  PCSV60 Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD SHIELDED POWER CHIP INDUCTOR
15
RDC
m
(Ω)
Allied
Part
Number
Inductance
(
µh)
Tolerance
(%)
Test
Freq.
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
RoHS
REVISED 10/08/10
KHz, 1V
All specifications subject to change without notice.
Irms
PCSV60-2R2M-RC
2.2
20
100
34
3.2
Features
• Magnetically Shielded Construction
Electrical
Test Equipment
Physical
Packaging: Tape and reel
• Low Profile
Inductance Range: 2.2µh - 3.3µh other
Tolerance: 20%
Operating Temp: -25ºC ~ +105ºC
Isat: Based on Inductance drop less than 30%
Resistance to Soldering Heat
Pre-Heat 150ºC, 1 Min.
Solder Temp: 260ºC +/- 5ºC
Immersion time: 10 sec. +/- 1 sec.
(L): HP4284A
(RDC): Chroma MilliOhm Meter 16502
Current: HP4284A + HP42841A
Marking: EIA Inductance Code.
PCSV60
(A) Typ.
.236±.008
(6.0±0.2)
.236±.008
(6.0±0.2)
.079 Max
(2.0 Max)
.059 Typ.
.059 Typ.
(1.5 Typ.)
(1.5 Typ.)
Isat
(A) Max.
Typ.
4.2
.224
(5.7)
.063
(1.6)
.063
(1.6)
.122
(3.1)
Land Pattern
IDC(A)
△T(℃)
surface temp(℃)
0.0
0
25
time(minute)
30
0.5
2
27
30
1.0
5
30
30
1.5
10
35
30
2.0
19
44
30
2.5
3.0
31
49
56
74
30
30
Temp vs Current Graph for 3.3µh
0
10
20
30
40
50
60
0
1
2
3
4
Current(A)
IDC(A)
L(uH)
0.0
3.55
0.5
3.54
1.0
3.52
1.5
3.48
2.0
3.42
2.5
3.29
3.0
3.01
3.5
2.28
4.0
1.52
Inductance vs Current Graph for 3.3µh
0.0
1.0
2.0
3.0
4.0
01234
5
IDC(A)
Irms:
Based on a temp rise of 40ºC typical
Solder Composition: Sn/Ag3.0/Cu0.5
PCSV60-3R3M-RC
3.3
20
100
40
2.7
3.2
± 30%
values available
Dimensions:
Inches
(mm)


Similar Part No. - PCSV60

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PCSV60-2R2M-RC ALLIED-PCSV60-2R2M-RC Datasheet
480Kb / 1P
SMD SHIELDED POWER CHIP INDUCTOR
PCSV60-3R3M-RC ALLIED-PCSV60-3R3M-RC Datasheet
480Kb / 1P
SMD SHIELDED POWER CHIP INDUCTOR
More results

Similar Description - PCSV60

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PCSV25-1R0M-RC ALLIED-PCSV25-1R0M-RC Datasheet
336Kb / 1P
SMD SHIELDED POWER CHIP INDUCTOR
PCSV30-1R0M-RC ALLIED-PCSV30-1R0M-RC Datasheet
334Kb / 1P
SMD SHIELDED POWER CHIP INDUCTOR
PCSV35-1R0M-RC ALLIED-PCSV35-1R0M-RC Datasheet
339Kb / 1P
SMD SHIELDED POWER CHIP INDUCTOR
PCSV60-2R2M-RC ALLIED-PCSV60-2R2M-RC Datasheet
480Kb / 1P
SMD SHIELDED POWER CHIP INDUCTOR
PCFV52 ALLIED-PCFV52 Datasheet
608Kb / 1P
SMD Shielded Power Chip Inductor
PCSV48 ALLIED-PCSV48 Datasheet
408Kb / 1P
SMD SHIELDED POWER CHIP INDUCTOR
PCSV52 ALLIED-PCSV52 Datasheet
378Kb / 1P
SMD SHIELDED POWER CHIP INDUCTOR
PCSV65 ALLIED-PCSV65 Datasheet
632Kb / 1P
SMD SHIELDED POWER CHIP INDUCTOR
PCSV49 ALLIED-PCSV49 Datasheet
424Kb / 1P
SMD SHIELDED POWER CHIP INDUCTOR
PCHP54NF ALLIED-PCHP54NF Datasheet
1Mb / 3P
SMD SHIELDED POWER CHIP INDUCTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com