Electronic Components Datasheet Search
  English  ▼

X  

PS100 Datasheet(PDF) 1 Page - Allied Components International

Part # PS100
Description  Power Shielded Inductor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

PS100 Datasheet(HTML) 1 Page - Allied Components International

  PS100 Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Power Shielded Inductor
PS100
15
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
RoHS
1/02/13
Features
• SMD Ultra High Current up to 50
Electrical
Inductance Range:
.56µH to 6.8µH additonal
Tolerance:
20% over entire range
Pre-Heat 150ºC, 1 minute.
Test Equipment
(L):
WK 4237 Meter
• Magnetically Shielded Construction
Resistance to Soldering Heat
Solder Composition:
Sn/Ag3.0/Cu0.5
Solder Temp:
260ºC ± 5ºC
DCR:
HK502BS Meter
Temp. Rise:
=40ºC Typical at rated Irms without
without core loss.
Test Frequency
: 100KHz
• Designed for low buzz noise
• Low DC Resistance
Immersion Time:
10 sec. ± 1 sec.
Part temperature should not exceed 125ºC
including temperature rise.
• Suitable for pick and place
values available.
Inductance drop: 20% typical at rated Isat
Physical
Packaging:
400 pieces per 13 inch reel.
Marking:
EIA Inductance Code
Isat/Irms:
3260B WK & DC Bias 3265B WK
All specifications subject to change without notice.
Allied
Part
Number
Inductance
(
µH)
Irms
(A)
Test
Frequency
(KHz, 0.5V)
Tolerance
(±%)
RDC
PS100-R56M-RC
PS100-1R0M-RC
PS100-2R0M-RC
PS100-3R3M-RC
PS100-4R7M-RC
PS100-6R8M-RC
Isat
(A)
.56
1.0
2.0
3.3
4.7
6.8
2.0
3.0
5.7
11.5
11.5
26
20
20
20
20
20
20
100
100
100
100
100
100
50
40
35
28
12
10
26
21
16
11
11
7
∆
Available in tighter tolerances
Operating Temp:
-25ºC to +85ºC
Max
Max
Max
m Ω
Dimensions:
Inches
(mm)
.375
(9.5 Max)
.445
(11.3 Max)
.406
(10.3 Max)
.063±.008
(1.6±0.2)
.119±.008
(3.0±0.2)
.272
(6.9)
.142
(3.6)
.445
(11.3)


Similar Part No. - PS100

ManufacturerPart #DatasheetDescription
logo
Altech corporation
PS100 ALTECH-PS100 Datasheet
126Kb / 1P
100W Single Phase DIN Rail Power Supply PS-100 Series
logo
TT Electronics.
PS100 TTELEC-PS100 Datasheet
524Kb / 3P
Metal shaft
logo
Powersolve Electronics ...
PS100 POWERSOLVE-PS100 Datasheet
267Kb / 4P
High Density DC-DC Modules
logo
Bi technologies
PS100-1 BITECH-PS100-1 Datasheet
101Kb / 3P
Slide Potentiometer
logo
TT Electronics.
PS100-1B1AR100K TTELEC-PS100-1B1AR100K Datasheet
524Kb / 3P
Metal shaft
More results

Similar Description - PS100

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
DR340-2-392 DATATRONICS-DR340-2-392 Datasheet
120Kb / 1P
SHIELDED POWER INDUCTOR
DR340-5-103 DATATRONICS-DR340-5-103 Datasheet
106Kb / 2P
SHIELDED POWER INDUCTOR
logo
Accetek Electronics (Sh...
1MX ACCETEK-1MX Datasheet
196Kb / 2P
Shielded Power Inductor
logo
Allied Components Inter...
PS120 ALLIED-PS120 Datasheet
397Kb / 1P
Power Shielded Inductor
logo
Coilcraft lnc.
FA2769-AL COILCRAFT-FA2769-AL Datasheet
457Kb / 2P
Shielded Power Inductor
logo
Abracon Corporation
ASPI-1207S ABRACON-ASPI-1207S Datasheet
1Mb / 3P
SHIELDED POWER INDUCTOR
08.05.09
logo
XFMRS Inc.
XFRCR108D-100K XFMRS-XFRCR108D-100K Datasheet
34Kb / 1P
SHIELDED POWER INDUCTOR
logo
Coilcraft lnc.
XEL4020 COILCRAFT-XEL4020_18 Datasheet
232Kb / 4P
Shielded Power Inductor
XEL5020 COILCRAFT-XEL5020 Datasheet
223Kb / 2P
Shielded Power Inductor
XFL6060-473 COILCRAFT-XFL6060-473_17 Datasheet
200Kb / 2P
Shielded Power Inductor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com