Electronic Components Datasheet Search
  English  ▼

X  

RB40 Datasheet(PDF) 1 Page - Allied Components International

Part # RB40
Description  Radial Bobbin Inductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

RB40 Datasheet(HTML) 1 Page - Allied Components International

  RB40 Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RB40-101K-RC
RB40-121K-RC
RB40-151K-RC
RB40-181K-RC
RB40-221K-RC
RB40-271K-RC
RB40-331K-RC
RB40-391K-RC
RB40-471K-RC
RB40-561K-RC
RB40-681K-RC
RB40-821K-RC
RB40-102K-RC
RB40-122K-RC
RB40-152K-RC
RB40-182K-RC
RB40-222K-RC
RB40-272K-RC
RB40-332K-RC
RB40-392K-RC
RB40-472K-RC
RB40-562K-RC
RB40-682K-RC
RB40-822K-RC
RB40-103K-RC
RB40-123K-RC
RB40-153K-RC
RB40-183K-RC
RB40-223K-RC
RB40-273K-RC
RB40-333K-RC
RB40-363K-RC
Allied
Part
Number
Inductance
(µh)
Tolerance
(%)
Q
Min.
Test
Freq.
(MHz)
SRF
Min.
(MHz)
DCR
Max.
(Ω)
Rated
Current
(mA)
100
120
150
180
220
270
330
390
470
560
680
820
1000
1200
1500
1800
2200
2700
3300
3900
4700
5600
6800
8200
10000
12000
15000
18000
22000
27000
33000
36000
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
80
80
80
80
80
80
80
80
80
80
80
80
90
90
90
90
90
90
90
90
90
90
90
90
100
100
100
100
100
100
100
100
0.796
0.796
0.796
0.796
0.796
0.796
0.796
0.796
0.796
0.796
0.796
0.796
0.252
0.252
0.252
0.252
0.252
0.252
0.252
0.252
0.252
0.252
0.252
0.252
0.0796
0.0796
0.0796
0.0796
0.0796
0.0796
0.0796
0.0796
5.3
4.5
3.8
3.3
2.9
2.6
2.3
2.1
1.9
1.7
1.6
1.4
1.3
1.2
1.1
1.0
0.9
0.8
0.7
0.7
0.6
0.6
0.5
0.5
0.4
0.4
0.4
0.3
0.3
0.3
0.3
0.3
2.0
2.0
2.0
3.0
3.0
3.0
4.0
4.0
4.0
4.0
4.0
6.0
6.0
9.0
9.0
9.0
13.0
13.0
13.0
13.0
18.0
18.0
26.0
26.0
40.0
40.0
60.0
60.0
80.0
80.0
80.0
80.0
200
200
200
200
200
200
200
200
200
200
200
200
150
150
150
100
100
100
100
50
50
50
50
50
40
40
40
30
30
30
30
30
All specifications subject to change without notice.
Radial Bobbin Inductors
RB40
Electrical
Inductance Range:
100µh to
36000µh.
Tolerance: 10% over entire inductance
range. Tighter tolerances available.
Packaging: 100 pieces per bag.
Radial leaded pre-tinned leads.
Protected with UL Polyolefin shrink
tubing.
Non-standard values and tolerances
available.
Features
•
•
•
RoHS
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
0.315
(8.00)
MAX.
0.441
(11.20)
MAX.
0.315
(8.00)
MAX.
22 AWG
0.197±0.10
(5.00±2.54)
0.197±0.1
(5.00±1.02)
Dimensions:
Inches
(mm)
Test Procedures: L&Q Measured with
HP4342A Q-Meter at specified Frequency.
DCR Measured on CH-301, SRF
Measured on HP-4191A, HP4291B.
OperatingTemp:-55ºCto+125ºC.
CurrentRating: Based on Inductance
Drop of <10% at rated current.
Physical
Marking (on Part): EIA Code
Marking (on Reel): Manufacturers
Name, Part Number, Customers
Part Number, Invoice Number, Lot
or Data Code.
REVISED 08/09/08


Similar Part No. - RB40

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
RB40-101K-RC ALLIED-RB40-101K-RC Datasheet
753Kb / 1P
Radial Bobbin Inductors
RB40-102K-RC ALLIED-RB40-102K-RC Datasheet
753Kb / 1P
Radial Bobbin Inductors
RB40-103K-RC ALLIED-RB40-103K-RC Datasheet
753Kb / 1P
Radial Bobbin Inductors
RB40-121K-RC ALLIED-RB40-121K-RC Datasheet
753Kb / 1P
Radial Bobbin Inductors
RB40-122K-RC ALLIED-RB40-122K-RC Datasheet
753Kb / 1P
Radial Bobbin Inductors
More results

Similar Description - RB40

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
RB20-101K-RC ALLIED-RB20-101K-RC Datasheet
781Kb / 1P
Radial Bobbin Inductors
RB30-1R0K-RC ALLIED-RB30-1R0K-RC Datasheet
836Kb / 1P
Radial Bobbin Inductors
RB40-101K-RC ALLIED-RB40-101K-RC Datasheet
753Kb / 1P
Radial Bobbin Inductors
RB20-101K-RC ALLIED-RB20-101K-RC_10 Datasheet
795Kb / 1P
Radial Bobbin Inductors
RB30-1R0K-RC ALLIED-RB30-1R0K-RC_10 Datasheet
839Kb / 1P
Radial Bobbin Inductors
RB1010-100K-RC ALLIED-RB1010-100K-RC Datasheet
363Kb / 1P
Radial Bobbin Inductors
RB20 ALLIED-RB20 Datasheet
795Kb / 1P
Radial Bobbin Inductors
RB0807 ALLIED-RB0807 Datasheet
383Kb / 1P
Radial Bobbin Inductors
RB0810 ALLIED-RB0810 Datasheet
363Kb / 1P
Radial Bobbin Inductors
RB1010 ALLIED-RB1010 Datasheet
363Kb / 1P
Radial Bobbin Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com