Electronic Components Datasheet Search
  English  ▼

X  

RB895 Datasheet(PDF) 1 Page - Allied Components International

Part # RB895
Description  Radial Power Choke
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

RB895 Datasheet(HTML) 1 Page - Allied Components International

  RB895 Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2600
2600
2100
2000
1700
1600
1400
1400
1300
1200
1100
1000
900
820
740
710
640
570
510
480
430
400
350
320
300
270
230
210
190
170
150
140
130
120
110
100
89
73
68
RB895-100M-RC
RB895-120M-RC
RB895-150M-RC
RB895-180M-RC
RB895-220K-RC
RB895-270K-RC
RB895-330K-RC
RB895-390K-RC
RB895-470K-RC
RB895-560K-RC
RB895-680K-RC
RB895-820K-RC
RB895-101K-RC
RB895-121K-RC
RB895-151K-RC
RB895-181K-RC
RB895-221K-RC
RB895-271K-RC
RB895-331K-RC
RB895-391K-RC
RB895-471K-RC
RB895-561K-RC
RB895-681K-RC
RB895-821K-RC
RB895-102K-RC
RB895-122K-RC
RB895-152K-RC
RB895-182K-RC
RB895-222K-RC
RB895-272K-RC
RB895-332K-RC
RB895-392K-RC
RB895-472K-RC
RB895-562K-RC
RB895-682K-RC
RB895-822K-RC
RB895-103K-RC
RB895-123K-RC
RB895-153K-RC
10
12
15
18
22
27
33
39
47
56
68
82
100
120
150
180
220
270
330
390
470
560
680
820
1000
1200
1500
1800
2200
2700
3200
3900
4700
5600
6800
8200
10000
12000
15000
RB895
Radial Power Choke
•
•
•
2.52 MHz
2.52 MHz
2.52 MHz
2.52 MHz
2.52 MHz
2.52 MHz
2.52 MHz
2.52 MHz
2.52 MHz
2.52 MHz
2.52 MHz
2.52 MHz
1KHz
1KHz
1KHz
1KHz
1KHz
1KHz
1KHz
1KHz
1KHz
1KHz
1KHz
1KHz
1KHz
1KHz
1KHz
1KHz
1KHz
1KHz
1KHz
1KHz
1KHz
1KHz
1KHz
1KHz
1KHz
1KHz
1KHz
0.04
0.04
0.05
0.05
0.06
0.06
0.07
0.08
0.10
0.11
0.14
0.16
0.19
0.22
0.27
0.31
0.38
0.53
0.61
0.69
0.89
1.01
1.18
1.57
1.84
2.10
2.80
3.21
4.21
4.94
6.16
6.84
7.89
11.5
13.2
15.3
22.0
25.0
29.1
Allied
Part
Number
Inductance
(
µh)
Test Frequency
(%)
DCR
(Ohms)
Rated
(mA)
All specifications subject to change without notice.
Small Foot print.
Extensive Inductance Range
High Temp Range
Features
Electrical
Inductance Range: 10uh~47000uh
Physical
Packaging: 500 / Tray, 1000 / Ammo Box
RoHS
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
Dimensions:
Inches
(mm)
66
59
52
48
42
38
RB895-183K-RC
RB895-223K-RC
RB895-273K-RC
RB895-333K-RC
RB895-393K-RC
RB895-473K-RC
18000
23000
27000
33000
39000
47000
1KHz
1KHz
1KHz
1KHz
1KHz
1KHz
38.9
44.9
55.2
64.2
74.2
96.4
Tolerance: 10uh~18uh 20%, 22uh~
47uh.10% Also available in tighter tolerances.
Test Frequency: 10uH~82uH @2.52MHz,
100uh to 47mH @ 1KHz
Operating Temp: -55ºC to + 125ºC
Marking: EIA Inductance Code
09/20/13
Max
Rated Current: Based on inductance
change by no more than 10% of initital
value.
.307± .02
(7.8±0.5)
MAX.
.374
(9.5)
MAX.
.197±.039
(5.0±1.0)
.197±.012
(5.0±0.3)
.03±.004 -002
(0.7±0.1 -0.05)


Similar Part No. - RB895

ManufacturerPart #DatasheetDescription
logo
HellermannTyton.
RB8 HELLERMANNTYTON-RB8 Datasheet
151Kb / 3P
Fixing products for self-adhesive fixing
September 2022
RB8.NB3P HELLERMANNTYTON-RB8.NB3P Datasheet
151Kb / 3P
Fixing products for self-adhesive fixing
September 2022
logo
Rohm
RB851Y ROHM-RB851Y Datasheet
143Kb / 3P
Schottky barrier diode
RB851Y ROHM-RB851Y Datasheet
127Kb / 3P
Schottky barrier diode
RB851Y ROHM-RB851Y Datasheet
1Mb / 7P
Detection Schottky Diode
More results

Similar Description - RB895

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
RB5480-1-3R9K-RC ALLIED-RB5480-1-3R9K-RC Datasheet
476Kb / 1P
Radial Power Choke
RB5480-2-3R9K-RC ALLIED-RB5480-2-3R9K-RC Datasheet
481Kb / 1P
Radial Power Choke
RB5480-3-3R9K-RC ALLIED-RB5480-3-3R9K-RC Datasheet
490Kb / 1P
Radial Power Choke
RB5480-4-3R9K-RC ALLIED-RB5480-4-3R9K-RC Datasheet
494Kb / 1P
Radial Power Choke
RB5480-5-3R9K-RC ALLIED-RB5480-5-3R9K-RC Datasheet
504Kb / 1P
Radial Power Choke
RB1315 ALLIED-RB1315 Datasheet
308Kb / 1P
Radial Power Choke
RB5480-1 ALLIED-RB5480-1 Datasheet
476Kb / 1P
Radial Power Choke
RB5480-2 ALLIED-RB5480-2 Datasheet
481Kb / 1P
Radial Power Choke
RB5480-4 ALLIED-RB5480-4 Datasheet
494Kb / 1P
Radial Power Choke
RB5480-5 ALLIED-RB5480-5 Datasheet
504Kb / 1P
Radial Power Choke
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com