Electronic Components Datasheet Search
  English  ▼

X  

RDC30 Datasheet(PDF) 1 Page - Allied Components International

Part # RDC30
Description  Radial Drum Core Inductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

RDC30 Datasheet(HTML) 1 Page - Allied Components International

  RDC30 Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RDC30
Radial Drum Core Inductors
Features
• Radial Leads for direct Printed Circuit
Board mounting.
• Pre-tinned leads.
• Inductance range from 1.0µh to 2700µh.
Also available in non-standard inductance
values.
• Current rating range from 2.3 to 116
amps DC.
• Ideal for use in switching power supplies,
filter networks and power amplifiers.
Electrical
Inductance: measured at 1KHz, 1V.
Saturation Current: Lowers inductance
by 10%.
Reflow soldering - Max 230
°C for
Mechanical
Leads are tinned to within 1/16 in. of body.
Coils are finished with UL-VW-1 rated
sleeving.
Physical
Packaging: 25 pieces per bag.
All specifications subject to change without notice.
D
RoHS
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
Allied
Part
Number
Inductance
(
µh)
DCR
Max.
Saturation
Current
(A) DC
Dimension
(D)
Tolerance
(Ω)
RDC30-1R0K-RC
1.0
30
.003
116.0
.800
RDC30-1R2K-RC
1.2
20
.003
116.0
.800
RDC30-1R5K-RC
1.5
20
.003
116.0
.800
RDC30-1R8K-RC
1.8
20
.003
90.0
.800
RDC30-2R2K-RC
2.2
20
.003
90.0
.800
RDC30-2R7K-RC
2.7
20
.003
74.0
.800
RDC30-3R3K-RC
3.3
20
.003
74.0
.800
RDC30-3R9K-RC
3.9
20
.003
62.0
.800
RDC30-4R7K-RC
4.7
20
.003
54.0
.800
RDC30-5R6K-RC
5.6
20
.003
54.0
.800
RDC30-6R8K-RC
6.8
20
.004
47.0
.800
RDC30-8R2K-RC
8.2
20
.004
42.0
.800
RDC30-100K-RC
10
20
.006
38.0
.700
RDC30-120K-RC
12
10
.008
35.0
.690
RDC30-150K-RC
15
10
.009
32.0
.690
RDC30-180K-RC
18
10
.010
29.0
.690
RDC30-220K-RC
22
10
.011
25.0
.790
RDC30-270K-RC
27
10
.012
23.0
.790
RDC30-330K-RC
33
10
.017
20.0
.790
RDC30-390K-RC
39
10
.022
19.0
.790
RDC30-470K-RC
47
10
.024
19.1
.750
RDC30-560K-RC
56
10
.026
17.5
.750
RDC30-680K-RC
68
10
.029
15.6
.750
RDC30-820K-RC
82
10
.032
14.0
.750
RDC30-101K-RC
100
10
.034
13.2
.781
RDC30-121K-RC
120
10
.046
12.1
.750
RDC30-151K-RC
150
10
.064
10.8
.781
RDC30-181K-RC
180
10
.072
9.7
.781
RDC30-221K-RC
220
10
.080
8.7
.750
RDC30-271K-RC
270
10
.110
7.9
.812
RDC30-331K-RC
330
10
.122
7.1
.750
RDC30-391K-RC
390
10
.169
6.7
.750
RDC30-471K-RC
470
10
.187
6.0
.750
RDC30-561K-RC
560
10
.205
5.5
.750
RDC30-681K-RC
680
10
.256
5.0
.718
RDC30-821K-RC
820
10
.288
4.5
.843
RDC30-102K-RC
1000
10
.426
4.1
.750
RDC30-122K-RC
1200
10
.462
3.7
.750
RDC30-152K-RC
1500
10
.518
3.4
.750
RDC30-182K-RC
1800
10
.705
2.8
.770
RDC30-222K-RC
2200
10
1.020
2.5
.770
RDC30-272K-RC
2700
10
1.140
2.3
.770
1.10
(27.94)
MAX.
0.84
(21.34)
MAX.
0.50
(12.70)
MAX.
1.10
(27.94)
MAX.
Dimensions:
Inches
(mm)
Temperature rise: T=50ºC rise typical
∆
at IDC.
IDC
21.0
21.0
21.0
21.0
21.0
21.0
21.0
21.0
21.0
21.0
21.0
21.0
17.0
13.5
13.5
13.5
13.5
13.5
13.5
11.4
9.00
9.00
9.00
9.00
9.00
7.20
5.50
5.50
5.50
4.50
4.50
4.00
4.00
4.00
2.80
2.80
2.00
2.00
2.00
1.60
1.30
1.30
(A)
RDC30-332K-RC
10
1.270
2.0
.770
RDC30-392K-RC
3900
10
1.670
1.8
1.7
.770
RDC30-472K-RC
4700
10
1.860
.770
1.30
1.00
1.00
3300
REVISED 11/30/12
Lead
O.D.
0.084
0.084
0.084
0.084
0.084
0.084
0.084
0.084
0.084
0.084
0.084
0.084
0.084
0.075
0.068
0.068
0.068
0.068
0.060
0.054
0.054
0.054
0.054
0.054
0.054
0.051
0.043
0.043
0.041
0.041
0.039
0.039
0.035
0.035
0.035
0.031
0.031
0.028
0.028
0.022
0.022
0.022
.0.022
0.020
0.020
inch
inch


Similar Part No. - RDC30

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
RDC30-100K-RC ALLIED-RDC30-100K-RC Datasheet
793Kb / 1P
Radial Drum Core Inductors
RDC30-101K-RC ALLIED-RDC30-101K-RC Datasheet
793Kb / 1P
Radial Drum Core Inductors
RDC30-102K-RC ALLIED-RDC30-102K-RC Datasheet
793Kb / 1P
Radial Drum Core Inductors
RDC30-120K-RC ALLIED-RDC30-120K-RC Datasheet
793Kb / 1P
Radial Drum Core Inductors
RDC30-121K-RC ALLIED-RDC30-121K-RC Datasheet
793Kb / 1P
Radial Drum Core Inductors
More results

Similar Description - RDC30

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
RDC10-1R0T-RC ALLIED-RDC10-1R0T-RC Datasheet
791Kb / 1P
Radial Drum Core Inductors
RDC20-1R0T-RC ALLIED-RDC20-1R0T-RC Datasheet
788Kb / 1P
Radial Drum Core Inductors
RDC30-1R0K-RC ALLIED-RDC30-1R0K-RC Datasheet
793Kb / 1P
Radial Drum Core Inductors
RDC40-1R8M-RC ALLIED-RDC40-1R8M-RC Datasheet
822Kb / 1P
Radial Drum Core Inductors
RDC50-1R8K-RC ALLIED-RDC50-1R8K-RC Datasheet
756Kb / 1P
Radial Drum Core Inductors
RDC10 ALLIED-RDC10 Datasheet
349Kb / 1P
Radial Drum Core Inductors
RDC20 ALLIED-RDC20 Datasheet
361Kb / 1P
Radial Drum Core Inductors
RDC40 ALLIED-RDC40 Datasheet
822Kb / 1P
Radial Drum Core Inductors
RDC50 ALLIED-RDC50 Datasheet
818Kb / 1P
Radial Drum Core Inductors
RDC60 ALLIED-RDC60 Datasheet
837Kb / 1P
Radial Drum Core Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com