Electronic Components Datasheet Search
  English  ▼

X  

RHC50 Datasheet(PDF) 1 Page - Allied Components International

Part # RHC50
Description  Radial High Current Chokes
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

RHC50 Datasheet(HTML) 1 Page - Allied Components International

  RHC50 Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RHC50-3-5R0K-RC
5
3
.015
40
19
.875
.625
1.125 18
500
RHC50-3-100K-RC
10
3
.081
25
17
1.125
.625
1.125 18
.687
RHC50-3-270K-RC
27
3
.035
8
15
.875
.812
1.125 18
.437
RHC50-3-500K-RC
50
3
.050
5
12
1.125
.812
1.125 18
.750
RHC50-3-101K-RC
100
3
.065
2.5
8
1.125
.812
1.125 18
.937
RHC50-3-151K-RC
150
3
.075
2.0
5
1.375
.812
1.125 18 1.062
RHC50-3-251K-RC
250
3
.090
1.0
3
1.625
.812
1.125 18 1.312
RHC50-5-5R0K-RC
5
5
.012
30
20
.875
.640
1.125 18
.750
RHC50-5-100K-RC
10
5
.015
20
18
1.123
.640
1.125 16
1.00
RHC50-5-270K-RC
27
5
.025
7
15
.875
.875
1.125 16
.559
RHC50-5-500K-RC
50
5
.030
4
10
1.123
.875
1.125 16
.750
RHC50-5-680K-RC
68
5
.035
3.5
9
1.123
.875
1.125 16
.875
RHC50-5-101K-RC
100
5
.050
2.5
7
1.375
.875
1.125 16
1.00
RHC50-5-151K-RC
150
5
.060
2.0
5
1.625
.875
1.125 16
1.25
RHC50-10-5R0K-RC
5
10
.010
30
19
1.123
.687
1.125 14
.812
RHC50-10-100K-RC
10
10
.012
20
17
1.375
.687
1.125 14
1.22
RHC50-10-270K-RC
27
10
.018
7
15
1.123
.937
1.125 14
.687
RHC50-10-500K-RC
50
10
.025
4
9
1.375
.937
1.125 14
1.22
RHC50-10-680K-RC
68
10
.027
3.5
8
1.375
.937
1.125 14 1.123
RHC50-10-101K-RC 100
10
.030
2.5
6
1.625
.937
1.125 14 1.312
RHC50-15-5R0K-RC
5
15
.008
30
20
1.375
.725
1.125 12
.937
RHC50-15-100K-RC
10
15
.010
20
17
1.687
.725
1.125 12
1.50
RHC50-15-270K-RC
27
15
.015
7
14
1.375
1.00
1.125 12
.937
RHC50-15-500K-RC
50
15
.020
4
9
1.625
1.00
1.125 12 1.123
E
+ /-
.063
Allied
Part
Number
Inductance
(µh)
Rated
Current
Max. A
A
Max.
(In.)
Increment
Current
(A)
SRF
Min.
(MHz)
DCR
Max.
(Ω)
B
Max.
(In.)
C
Max.
(In.)
D
AWG
Dimensions (In.)
See Table
Features
• Radial leads for direct Printed Circuit
Board mounting.
• Pre-tinned leads.
• Inductance range from 5µh to 250µh.
Also available in non-standard
inductance values.
• Current rating range from 3 Amps to
15 Amps.
• Ideal for use in switching power
supplies, filter networks and power
amplifiers.
Electrical
Inductance: Measured at 1 KHz with no
DC current. Incremental current reduces
inductance by 10% or less.
Tolerance: 10% over entire inductance
range. Available in tighter tolerances.
All specifications subject to change without notice.
Radial High Current Chokes
RHC50
A
B
C
D
E
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
RoHS
RHC50-8-151K-RC
150
8
.060
2.0
8
1.625
.880
1.125 16
1.25
REVISED 03/12/13
Operating Temp: -55º +105ºC


Similar Part No. - RHC50

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
RHC50-10-100K-RC ALLIED-RHC50-10-100K-RC Datasheet
876Kb / 1P
Radial High Current Chokes
RHC50-10-100K-RC ALLIED-RHC50-10-100K-RC Datasheet
920Kb / 1P
Radial High Current Chokes
RHC50-10-101K-RC ALLIED-RHC50-10-101K-RC Datasheet
876Kb / 1P
Radial High Current Chokes
RHC50-10-101K-RC ALLIED-RHC50-10-101K-RC Datasheet
920Kb / 1P
Radial High Current Chokes
RHC50-10-270K-RC ALLIED-RHC50-10-270K-RC Datasheet
876Kb / 1P
Radial High Current Chokes
More results

Similar Description - RHC50

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
RHC50-3-5R0K-RC ALLIED-RHC50-3-5R0K-RC Datasheet
876Kb / 1P
Radial High Current Chokes
RHC50-3-5R0K-RC ALLIED-RHC50-3-5R0K-RC_10 Datasheet
920Kb / 1P
Radial High Current Chokes
logo
API Delevan
5393R API-5393R Datasheet
1Mb / 1P
High Current Radial Leaded Chokes
logo
EPCOS
ERU25 EPCOS-ERU25 Datasheet
293Kb / 3P
High-Current Chokes
logo
Bourns Electronic Solut...
5509 BOURNS-5509 Datasheet
469Kb / 1P
High Current Chokes
5615 BOURNS-5615 Datasheet
428Kb / 1P
High Current Chokes
5618 BOURNS-5618 Datasheet
428Kb / 1P
High Current Chokes
5521 BOURNS-5521 Datasheet
469Kb / 1P
High Current Chokes
5628 BOURNS-5628 Datasheet
428Kb / 1P
High Current Chokes
5900-3R9-RC BOURNS-5900-3R9-RC Datasheet
428Kb / 1P
High Current Chokes
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com