Electronic Components Datasheet Search
  English  ▼

X  

RLF20 Datasheet(PDF) 1 Page - Allied Components International

Part # RLF20
Description  RADIAL LINE FILTER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

RLF20 Datasheet(HTML) 1 Page - Allied Components International

  RLF20 Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
15
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
RoHS
REVISED 01/03/14
Features
• Low Magnetic Radiation
Low Core Loss
• Small Foot Print
Electrical
Tolerance: 35%, each winding to within
Test Frequency: 1KHz/0.25V
Operating Temp. Range: -20
° to +105ºC
Physical
Rated Voltage: 50V
Marking: None
Inductance: 40uh both windings
1
2
3
4
(1 )
(1 )
.252
(6.4)
MAX.
.295
(7.5)
MAX.
.315
(8.0)
MAX.
.197±.02
(5.0±0.5)
.138±.04
(3.5±1.0)
.099±.05
(2.5±0.5)
.024
(0.6)
REF.
RLF20-400Y-RC
40
35
.75
1000
20mΩ
Allied
Part
Number
Inductance
(
µh)
Tolerance
(%)
IDC
Min.
(Ω)
@100 MHz
DCR
Max
(N1=N2)
•
3uh of each other.
Hi Pot Test: N1-N2: 500VAC/5mA/1S
Packaging: 500 pieces per bag.
A
@ 1 KHz
Impedance
RADIAL LINE FILTER
RLF20
Dimensions:
Inches
(mm)


Similar Part No. - RLF20

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
RLF26120 SCHNEIDER-RLF26120 Datasheet
66Kb / 2P
POWERPACT R-FRAME, MOLDED CASE CIRCUIT BREAKER, 600V, 1200A, 2P, 50kA
Nov 12, 2020
RLF26160 SCHNEIDER-RLF26160 Datasheet
66Kb / 2P
POWERPACT R-FRAME, MOLDED CASE CIRCUIT BREAKER, 600V, 1600A, 2P, 50kA
Nov 12, 2020
RLF26200 SCHNEIDER-RLF26200 Datasheet
66Kb / 2P
POWERPACT R-FRAME, MOLDED CASE CIRCUIT BREAKER, 600V, 2000A, 2P, 50kA
Nov 12, 2020
RLF26250 SCHNEIDER-RLF26250 Datasheet
66Kb / 2P
POWERPACT R-FRAME, MOLDED CASE CIRCUIT BREAKER, 600V, 2500A, 2P, 50kA
Nov 12, 2020
logo
Goodwork Semiconductor ...
RLF2N65CT GWSEMI-RLF2N65CT Datasheet
442Kb / 6P
N-Channel Enhancement MOSFET
More results

Similar Description - RLF20

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTH7RF CT-CTH7RF Datasheet
176Kb / 1P
Power Line Chokes - Radial
CTH8RF CT-CTH8RF Datasheet
176Kb / 1P
Power Line Chokes - Radial
logo
ABC Taiwan Electronics ...
UF10V2103YL ABC-UF10V2103YL Datasheet
573Kb / 5P
LINE FILTER
logo
TDK Electronics
TSL1112RA-1R0M7R7-PF TDK-TSL1112RA-1R0M7R7-PF Datasheet
41Kb / 3P
For Power Line Radial
TSL0808RA-101KR80-PF TDK-TSL0808RA-101KR80-PF Datasheet
45Kb / 2P
For Power Line Radial
logo
XFMRS Inc.
XF0053-00U7 XFMRS-XF0053-00U7 Datasheet
37Kb / 1P
LINE FILTER
XF0083-ET20 XFMRS-XF0083-ET20 Datasheet
38Kb / 1P
LINE FILTER
XF0103-ET24 XFMRS-XF0103-ET24 Datasheet
38Kb / 1P
LINE FILTER
XF0203-00U3 XFMRS-XF0203-00U3 Datasheet
44Kb / 1P
LINE FILTER
XF0203H-ET24 XFMRS-XF0203H-ET24 Datasheet
40Kb / 1P
LINE FILTER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com