Electronic Components Datasheet Search
  English  ▼

X  

ULN2004 Datasheet(PDF) 6 Page - STMicroelectronics

Part # ULN2004
Description  Seven Darlington array
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ULN2004 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button ULN2004 Datasheet HTML 2Page - STMicroelectronics ULN2004 Datasheet HTML 3Page - STMicroelectronics ULN2004 Datasheet HTML 4Page - STMicroelectronics ULN2004 Datasheet HTML 5Page - STMicroelectronics ULN2004 Datasheet HTML 6Page - STMicroelectronics ULN2004 Datasheet HTML 7Page - STMicroelectronics ULN2004 Datasheet HTML 8Page - STMicroelectronics ULN2004 Datasheet HTML 9Page - STMicroelectronics ULN2004 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Electrical characteristics
ULN2001, ULN2002, ULN2003, ULN2004
6/16
Doc ID 5279 Rev 8
4
Electrical characteristics
TA = 25 °C unless otherwise specified.
Table 4.
Electrical characteristics
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
ICEX
Output leakage current
VCE = 50 V, (Figure 3.)50
µA
TA = 85°C, VCE = 50 V (Figure 3.)100
TA = 85°C for ULN2002, VCE = 50 V,
VI = 6 V (Figure 4.)
500
TA = 85°C for ULN2002, VCE = 50 V,
VI = 1V (Figure 4.)
500
VCE(SAT)
Collector-emitter saturation
voltage (
Figure 5.)
IC = 100 mA, IB = 250 µA
0.9
1.1
V
IC = 200 mA, IB= 350 µA
1.1
1.3
IC = 350 mA, IB= 500 µA
1.3
1.6
II(ON)
Input current (
Figure 6.)
for ULN2002, VI = 17 V
0.82
1.25
mA
for ULN2003, VI = 3.85 V
0.93
1.35
for ULN2004, VI = 5 V
0.35
0.5
VI = 12 V
1
1.45
II(OFF)
Input current (
Figure 7.)TA = 85°C, IC = 500 µA
50
65
µA
VI(ON)
Input voltage (
Figure 8.)
VCE= 2 V, for ULN2002
IC = 300 mA
for ULN2003
IC = 200 mA
IC = 250 mA
IC = 300 mA
for ULN2004
IC = 125 mA
IC = 200 mA
IC = 275 mA
IC = 350 mA
13
2.4
2.7
3
5
6
7
8
V
hFE
DC Forward current gain
(
Figure 5.)
for ULN2001, VCE = 2 V,
IC = 350 mA
1000
CI
Input capacitance
15
25
pF
tPLH
Turn-on delay time
0.5 VI to 0.5 VO
0.25
1
µs
tPHL
Turn-off delay time
0.5 VI to 0.5 VO
0.25
1
µs
IR
Clamp diode leakage current
(
Figure 9.)
VR = 50 V
50
µA
TA = 85°C, VR = 50 V
100
VF
Clamp diode forward voltage
(
Figure 10.)
IF = 350 mA
1.7
2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com