Electronic Components Datasheet Search
  English  ▼

X  

SMF18A Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SMF18A
Description  Surface Mount ESD Protection Diodes
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SMF18A Datasheet(HTML) 3 Page - Vishay Siliconix

  SMF18A Datasheet HTML 1Page - Vishay Siliconix SMF18A Datasheet HTML 2Page - Vishay Siliconix SMF18A Datasheet HTML 3Page - Vishay Siliconix SMF18A Datasheet HTML 4Page - Vishay Siliconix SMF18A Datasheet HTML 5Page - Vishay Siliconix SMF18A Datasheet HTML 6Page - Vishay Siliconix SMF18A Datasheet HTML 7Page - Vishay Siliconix SMF18A Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
SMF5V0A to SMF58A
www.vishay.com
Vishay Semiconductors
Rev. 1.1, 17-Oct-13
3
Document Number: 85881
For technical questions, contact: ESDprotection@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 1 - ESD Discharge Current Wave Form acc. IEC 61000-4-2
(330
/150pF)
Fig. 2 - 8/20 μs Peak Pulse Current Wave Form acc. IEC 61000-4-5
Fig. 3 - Peak Pulse Power Rating
Fig. 4 - Pulse Waveform
Fig. 5 - Typical Capacitance CD vs. Reverse Voltage VR
Fig. 6 - Typical Capacitance CD vs. Reverse Voltage VR
0 %
20 %
40 %
60 %
80 %
100 %
120 %
- 10 0 10 20 30 40 50 60 70 80 90 100
Time (ns)
Rise time = 0.7 ns to 1 ns
53 %
27 %
20557
0 %
20 %
40 %
60 %
80 %
100 %
010
20
30
40
Time (µs)
20 µs to 50 %
8 µs to 100 %
20548
0.1
1
10
0.1 µs 1.0 µs
10 µs
td - Pulse Width (s)
100 µs 1.0 ms 10 ms
Non-repetitive pulse
TA = 25 °C
17250
17415
t
I
RSM
(%)
100
90
50
10
t
1
t
1 = 10 µs
t
2 = 1000 µs
t
2
140
160
180
100
120
40
60
80
0
20
0.01
0.1
1
10
SMF43A
SMF45A
SMF48A
SMF51A
SMF54A
SMF58A
f = 1MHz
VR in V
22719
22720
0
50
100
150
200
250
300
0.01
0.1
1
10
SMF22A
SMF24A
SMF26A
SMF28A
SMF30A
SMF33A
SMF36A
SMF40A
f = 1MHz
VR in V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com