Electronic Components Datasheet Search
  English  ▼

X  

HD74LVC08 Datasheet(PDF) 1 Page - Hitachi Semiconductor

Part # HD74LVC08
Description  Quad. 2-input AND Gates
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74LVC08 Datasheet(HTML) 1 Page - Hitachi Semiconductor

  HD74LVC08 Datasheet HTML 1Page - Hitachi Semiconductor HD74LVC08 Datasheet HTML 2Page - Hitachi Semiconductor HD74LVC08 Datasheet HTML 3Page - Hitachi Semiconductor HD74LVC08 Datasheet HTML 4Page - Hitachi Semiconductor HD74LVC08 Datasheet HTML 5Page - Hitachi Semiconductor HD74LVC08 Datasheet HTML 6Page - Hitachi Semiconductor HD74LVC08 Datasheet HTML 7Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
HD74LVC08
Quad. 2-input AND Gates
ADE-205-063B(Z)
Rev.2
September 1995
Description
The HD74LVC08 has four 2-input AND gates in a 14 pin package. Low voltage and high speed operation
is suitable at the battery drive product (note type personal computer) and low power consumption extends
the life of a battery for long time operation.
Features
• V
CC = 2.0 V to 5.5 V
• All inputs V
IH (Max.) = 5.5 V (@VCC = 0 V to 5.5 V)
• Typical V
OL ground bounce < 0.8 V (@VCC = 3.3 V, Ta = 25°C)
• Typical V
OH undershoot > 2.0 V (@VCC = 3.3 V, Ta = 25°C)
• High output current ±24 mA (@V
CC = 3.0 V to 5.5 V)
Function Table
Inputs
A
B
Output Y
LL
L
HL
L
LH
L
HH
H
H :
High level
L :
Low level


Similar Part No. - HD74LVC08

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LVC08 RENESAS-HD74LVC08 Datasheet
176Kb / 6P
Quad. 2-input AND Gates
HD74LVC08FPEL RENESAS-HD74LVC08FPEL Datasheet
176Kb / 6P
Quad. 2-input AND Gates
HD74LVC08TELL RENESAS-HD74LVC08TELL Datasheet
176Kb / 6P
Quad. 2-input AND Gates
More results

Similar Description - HD74LVC08

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
5408 NSC-5408 Datasheet
92Kb / 4P
Quad 2-Input AND Gates
logo
Hitachi Semiconductor
HD74HC08 HITACHI-HD74HC08 Datasheet
45Kb / 8P
Quad. 2-input AND Gates
HD74LV08A HITACHI-HD74LV08A Datasheet
51Kb / 12P
Quad. 2-input AND Gates
logo
Fairchild Semiconductor
DM74LS08N FAIRCHILD-DM74LS08N Datasheet
59Kb / 5P
Quad 2-Input AND Gates
logo
Renesas Technology Corp
RD74LVC08B RENESAS-RD74LVC08B Datasheet
69Kb / 8P
Quad. 2-input AND Gates
HD74LV08A RENESAS-HD74LV08A Datasheet
65Kb / 8P
Quad. 2-input AND Gates
HD74HC08 RENESAS-HD74HC08 Datasheet
91Kb / 7P
Quad. 2-input AND Gates
logo
Unisonic Technologies
U74HC08 UTC-U74HC08 Datasheet
151Kb / 5P
QUAD 2-INPUT AND GATES
logo
Renesas Technology Corp
HD74HC08 RENESAS-HD74HC08_15 Datasheet
123Kb / 9P
Quad. 2-input AND Gates
logo
Unisonic Technologies
UCD4081B UTC-UCD4081B_15 Datasheet
168Kb / 5P
QUAD 2-INPUT AND GATES
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com