Electronic Components Datasheet Search
  English  ▼

X  

HD74LVC138 Datasheet(PDF) 2 Page - Hitachi Semiconductor

Part # HD74LVC138
Description  3-to-8-line Decoder / Demultiplexer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74LVC138 Datasheet(HTML) 2 Page - Hitachi Semiconductor

  HD74LVC138 Datasheet HTML 1Page - Hitachi Semiconductor HD74LVC138 Datasheet HTML 2Page - Hitachi Semiconductor HD74LVC138 Datasheet HTML 3Page - Hitachi Semiconductor HD74LVC138 Datasheet HTML 4Page - Hitachi Semiconductor HD74LVC138 Datasheet HTML 5Page - Hitachi Semiconductor HD74LVC138 Datasheet HTML 6Page - Hitachi Semiconductor HD74LVC138 Datasheet HTML 7Page - Hitachi Semiconductor HD74LVC138 Datasheet HTML 8Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
HD74LVC138
2
Function Table
Inputs
Enable
Select
Outputs
G
1
G
2A
G
2B
CB
A
Y
0
Y
1
Y
2
Y
3
Y
4
Y
5
Y
6
Y
7
X
X
H
X
X
X
HH
HH
HH
HH
X
H
XXXX
H
H
H
H
H
H
H
H
L
X
XXXX
H
H
H
H
H
H
H
H
H
L
LLLL
L
H
H
H
H
H
H
H
H
L
LLLH
H
L
H
H
H
H
H
H
HL
L
L
H
L
H
HL
HH
HH
H
HL
L
L
H
H
H
HH
L
H
HH
H
H
L
L
H
L
L
HH
HH
L
H
HH
H
L
L
H
L
H
HH
HH
HL
HH
H
L
L
H
H
L
HH
HH
HH
L
H
H
L
L
H
H
H
HH
HH
HH
HL
H :
High level
L :
Low level
X :
Immaterial
Pin Arrangement
(Top view)
11
12
13
14
VCC
1
2
3
4
5
6
7
10
A
GND 8
9
15
16
A
B
C
Y7
G1
G2B
G2A
Y0
Y1
Y2
Y3
Y4
Y5
B
C
G2A
G2B
G 1
Y7
Y6
Y5
Y4
Y3
Y2
Y1
Y0
Y6



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com