Electronic Components Datasheet Search
  English  ▼

X  

WFB Datasheet(PDF) 1 Page - Allied Components International

Part # WFB
Description  Wound Ferrite Beads
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

WFB Datasheet(HTML) 1 Page - Allied Components International

  WFB Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
The
WFB Series Wide Band Chokes are 6
hole, ferrite beads with 1.5, 2.0, 2.5, 2 x 1.5 or
3.0 turns of tinned copper wire. They are ideal
for interference suppression in a variety of
applications where broad band characteristics
are required.
Wide Band Chokes are essentially resistive
with flat impedance matching characteristics
above 60 MHz. When used with small ceramic
capacitors, self resonance provides additional
attenuation.
Physical
Packaging: 500 pieces per bag.
8000 pieces per box.
*Measured with the two 1 1/2 turn windings in series.
All specificiations are subject to change without notice.
WFB-1.5-281-1-RC
WFB-1.5-301-2-RC
WFB-1.5-361-3-RC
WFB-2.0-401-1-RC
WFB-2.0-481-2-RC
WFB-2.0-601-3-RC
WFB-2.5-601-1-RC
WFB-2.5-601-2-RC
WFB-2.5-681-3-RC
WFB-3.0-681-1-RC
WFB-3.0-681-2-RC
WFB-3.0-601-3-RC
WFB-2 x 1.5-601-1-RC
WFB-2 x 1.5-601-2-RC
WFB-2 x 1.5-561-3-RC
Allied
Part
Number
Core
Material
Number
of Turns
Impedance
Ohms
Frequency
(MHz)
Fig #
1
2
3
1
2
3
1
2
3
1
2
3
1
2
3
1 1/2
1 1/2
1 1/2
2.0
2.0
2.0
2 1/2
2 1/2
2 1/2
3.0
3.0
3.0
2 x 1 1/2
2 x 1 1/2
2 x 1 1/2
280
300
360
400
480
600
600
600
680
680
680
600
600*
600*
560*
120
180
250
50
100
180
50
100
180
50
100
180
50
100
180
1
1
1
2
2
2
3
3
3
4
4
4
5
5
5
WFB Wound Ferrite Beads
Figure #
1.5
Turn
Twice
5
3.0
Turn
4
2.0
Turn
2
2.5
Turn
3
1.5
Turn
1
RoHS
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
1.5 NOMINAL
1.5 NOMINAL
24AWG
0.393±0.02
(9.98±0.51)
0.236±0.02
(5.99±0.51)
0.590±0.02
(14.99±0.51)
Dimensions:
Inches
(mm)
0.130±0.005
(3.30±0.13)
0.093±0.005
(2.36±0.13)
0.093±0.005
(2.36±0.13)
WFB-3.0-801-N-RC
N
3.0
800
100
4
REVISED 02/24/14
Min.
WFB-3.0-801-Y7-RC
Y7
3.0
800
100
4
WFB-3.0-801-B38-RC
B38
3.0
700
100
4
WFB-2 x 1.5-720-ZA-RC
3
2 x 1 1/2
720*
50
5


Similar Part No. - WFB

ManufacturerPart #DatasheetDescription
logo
ITT Industries
WFB ITT-WFB Datasheet
80Kb / 1P
Circular Commercial Aircraft Military Aircraft
logo
Allied Components Inter...
WFB-1.5-281-1-RC ALLIED-WFB-1.5-281-1-RC Datasheet
731Kb / 1P
Wound Ferrite Beads
WFB-1.5-281-1-RC ALLIED-WFB-1.5-281-1-RC Datasheet
744Kb / 1P
Wound Ferrite Beads
WFB-1.5-281-1-RC ALLIED-WFB-1.5-281-1-RC_10 Datasheet
744Kb / 1P
Wound Ferrite Beads
WFB-1.5-301-2-RC ALLIED-WFB-1.5-301-2-RC Datasheet
731Kb / 1P
Wound Ferrite Beads
More results

Similar Description - WFB

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
MPZ2012 EMC-MPZ2012 Datasheet
41Kb / 2P
Ferrite Beads
logo
List of Unclassifed Man...
4212-1 ETC1-4212-1 Datasheet
40Kb / 1P
Wound Beads
logo
Allied Components Inter...
WFB-1.5-281-1-RC ALLIED-WFB-1.5-281-1-RC Datasheet
731Kb / 1P
Wound Ferrite Beads
WFB-1.5-281-1-RC ALLIED-WFB-1.5-281-1-RC_10 Datasheet
744Kb / 1P
Wound Ferrite Beads
logo
API Delevan
4214R API-4214R Datasheet
2Mb / 1P
Wound Beads
logo
Fair-Rite Products Corp...
2644666611 FAIR-RITE-2644666611 Datasheet
629Kb / 2P
Wound Beads
2944666634 FAIR-RITE-2944666634_18 Datasheet
603Kb / 2P
Wound Beads
2944666651 FAIR-RITE-2944666651_18 Datasheet
637Kb / 2P
Wound Beads
2944777741 FAIR-RITE-2944777741_18 Datasheet
639Kb / 3P
Wound Beads
2961666661 FAIR-RITE-2961666661_18 Datasheet
637Kb / 2P
Wound Beads
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com