Electronic Components Datasheet Search
  English  ▼

X  

N74F164D Datasheet(PDF) 2 Page - NXP Semiconductors

Part # N74F164D
Description  8-bit serial-in parallel-out shift register
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

N74F164D Datasheet(HTML) 2 Page - NXP Semiconductors

  N74F164D Datasheet HTML 1Page - NXP Semiconductors N74F164D Datasheet HTML 2Page - NXP Semiconductors N74F164D Datasheet HTML 3Page - NXP Semiconductors N74F164D Datasheet HTML 4Page - NXP Semiconductors N74F164D Datasheet HTML 5Page - NXP Semiconductors N74F164D Datasheet HTML 6Page - NXP Semiconductors N74F164D Datasheet HTML 7Page - NXP Semiconductors N74F164D Datasheet HTML 8Page - NXP Semiconductors N74F164D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Philips Semiconductors
Product specification
74F164
8-bit serial-in parallel-out shift register
2
2000 Dec 18
853-0348 25264
FEATURES
• Gated serial data inputs
• Typical shift frequency of 100MHz
• Asynchronous Master Reset
• Buffered clock and data inputs
• Fully synchronous data transfer
• Industrial temperature range available (–40 to +85 °C)
DESCRIPTION
The 74F164 is an 8-bit edge-triggered shift register with serial data
entry and an output from each of the eight stages. Data is entered
through one of two inputs (Dsa, Dsb); either input can be used as an
active High enable for data entry through the other input. Both inputs
must be connected together or an unused input must be tied High.
Data shifts one place to the right on each Low-to-High transition of
the clock (CP) input, and enters into Q0 the logical AND of the two
data inputs (Dsa, Dsb) that existed one setup time before the rising
edge. A Low level on the Master Reset (MR) input overrides all
other inputs and clears the register asynchronously, forcing all
outputs Low.
PIN CONFIGURATION
14
13
12
11
10
9
8
7
6
5
4
3
2
1
SF00717
Dsa
Dsb
Q0
Q1
Q2
Q3
GND
VCC
Q7
Q6
Q5
Q4
MR
CP
TYPE
TYPICAL fmax
TYPICAL SUPPLY
CURRENT (TOTAL)
74F164
100MHz
33 mA
ORDERING INFORMATION
ORDER CODE
DRAWING
DESCRIPTION
COMMERCIAL RANGE
VCC = 5 V ±10%, Tamb = 0 to +70 °C
INDUSTRIAL RANGE
VCC = 5 V ±10%, Tamb = –40 to +85 °C
DRAWING
NUMBER
14-pin plastic DIP
74F164N
I74F164N
SOT27-1
14-pin plastic SO
74F164D
I74F164D
SOT108-1
INPUT AND OUTPUT LOADING AND FAN OUT TABLE
PINS
DESCRIPTION
74F (U.L.)
HIGH / LOW
LOAD VALUE
HIGH / LOW
Dsa, Dsb
Data inputs
1.0 / 1.0
20
µA / 0.6 mA
CP
Clock pulse input (active rising edge)
1.0 / 1.0
20
µA / 0.6 mA
MR
Master reset input (active-Low)
1.0 / 1.0
20
µA / 0.6 mA
Q0 – Q7
Data outputs
50 / 33
1.0 mA / 20 mA
One (1.0) FAST unit load is defined as: 20
µA in the High state and 0.6 mA in the Low state.
LOGIC SYMBOL
Dsa
Dsb
Q0
12
VCC = Pin 14
GND = Pin 7
Q1 Q2 Q3 Q4 Q5 Q6 Q7
CP
MR
8
9
SF00713
3
4
5
6 10
11
12 13
IEC/IEEE SYMBOL
1
2
SRG8
&
R
C1/
→
8
9
1D
SF00714
3
4
5
6
10
11
12
13



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com