Electronic Components Datasheet Search
  English  ▼

X  

HD74LVC533 Datasheet(PDF) 1 Page - Hitachi Semiconductor

Part # HD74LVC533
Description  Octal D-type Transparent Latches with 3-state Outputs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74LVC533 Datasheet(HTML) 1 Page - Hitachi Semiconductor

  HD74LVC533 Datasheet HTML 1Page - Hitachi Semiconductor HD74LVC533 Datasheet HTML 2Page - Hitachi Semiconductor HD74LVC533 Datasheet HTML 3Page - Hitachi Semiconductor HD74LVC533 Datasheet HTML 4Page - Hitachi Semiconductor HD74LVC533 Datasheet HTML 5Page - Hitachi Semiconductor HD74LVC533 Datasheet HTML 6Page - Hitachi Semiconductor HD74LVC533 Datasheet HTML 7Page - Hitachi Semiconductor HD74LVC533 Datasheet HTML 8Page - Hitachi Semiconductor HD74LVC533 Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
HD74LVC533
Octal D-type Transparent Latches with 3-state Outputs
ADE-205-070B(Z)
Rev.2
September 1995
Description
The HD74LVC533 has eight D type latches with three state outputs in a 20 pin package. When the latch
enable input is high, the Q outputs will follow the D inputs. When the latch enable goes low, data at the D
inputs will be retained at the outputs until latch enable returns high again. When a high logic level is
applied to the output control input, all outputs go to a high impedance state, regardless of what signals are
present at the other inputs and the state of the storage elements. Low voltage and high speed operation is
suitable at the battery drive product (note type personal computer) and low power consumption extends the
life of a battery for long time operation.
Features
• V
CC = 2.0 V to 5.5 V
• All inputs V
IH (Max.) = 5.5 V (@VCC = 0 V to 5.5 V)
• Typical V
OL ground bounce < 0.8 V (@VCC = 3.3 V, Ta = 25°C)
• Typical V
OH undershoot > 2.0 V (@VCC = 3.3 V, Ta = 25°C)
• High output current ±24 mA (@V
CC = 3.0 V to 5.5 V)
Function Table
Inputs
G
LE
D
Output
Q
H
XXZ
LH
LH
L
HHL
LLX
Q
0
H :
High level
L :
Low level
X :
Immaterial
Z :
High impedance
Q
0 :
Level of
Q before the indicated steady input conditions were established.


Similar Part No. - HD74LVC533

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LVC533 RENESAS-HD74LVC533 Datasheet
207Kb / 8P
Octal D-type Transparent Latches with 3-state Outputs
HD74LVC533FPEL RENESAS-HD74LVC533FPEL Datasheet
207Kb / 8P
Octal D-type Transparent Latches with 3-state Outputs
HD74LVC533TELL RENESAS-HD74LVC533TELL Datasheet
207Kb / 8P
Octal D-type Transparent Latches with 3-state Outputs
More results

Similar Description - HD74LVC533

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC373 HITACHI-HD74HC373 Datasheet
66Kb / 11P
Octal D-type Transparent Latches (with 3-state outputs),Octal D-type Transparent Latches (with inverted 3-state outputs)
HD74LV573A HITACHI-HD74LV573A Datasheet
66Kb / 16P
Octal D-type Transparent Latches with 3-state Outputs
logo
Texas Instruments
SN54BCT573 TI-SN54BCT573_07 Datasheet
635Kb / 16P
OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74LV573A RENESAS-HD74LV573A Datasheet
94Kb / 9P
Octal D-type Transparent Latches with 3-state Outputs
HD74LVC533 RENESAS-HD74LVC533 Datasheet
207Kb / 8P
Octal D-type Transparent Latches with 3-state Outputs
HD74LVC573A RENESAS-HD74LVC573A Datasheet
195Kb / 9P
Octal D-type Transparent Latches with 3-state Outputs
HD74HC373 RENESAS-HD74HC373 Datasheet
119Kb / 10P
Octal D-type Transparent Latches (with 3-state outputs)/Octal D-type Transparent Latches (with inverted 3-state outputs)
logo
Texas Instruments
SN74HC373AN TI-SN74HC373AN Datasheet
1Mb / 23P
OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74HC373DWRG4 TI-SN74HC373DWRG4 Datasheet
1Mb / 23P
OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
logo
Unisonic Technologies
U74AHC373 UTC-U74AHC373 Datasheet
270Kb / 6P
OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com