Electronic Components Datasheet Search
  English  ▼

X  

HD74LVC534 Datasheet(PDF) 1 Page - Hitachi Semiconductor

Part # HD74LVC534
Description  Octal D-type Flip Flops with 3-state Outputs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74LVC534 Datasheet(HTML) 1 Page - Hitachi Semiconductor

  HD74LVC534 Datasheet HTML 1Page - Hitachi Semiconductor HD74LVC534 Datasheet HTML 2Page - Hitachi Semiconductor HD74LVC534 Datasheet HTML 3Page - Hitachi Semiconductor HD74LVC534 Datasheet HTML 4Page - Hitachi Semiconductor HD74LVC534 Datasheet HTML 5Page - Hitachi Semiconductor HD74LVC534 Datasheet HTML 6Page - Hitachi Semiconductor HD74LVC534 Datasheet HTML 7Page - Hitachi Semiconductor HD74LVC534 Datasheet HTML 8Page - Hitachi Semiconductor HD74LVC534 Datasheet HTML 9Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
HD74LVC534
Octal D-type Flip Flops with 3-state Outputs
ADE-205-071B(Z)
Rev.2
September 1995
Description
The HD74LVC534 has eight edge trigger D type flip flops with three state outputs in a 20 pin package.
Data at the D inputs meeting set up reguirements, are transferred to the Q outputs on positive going
transitions of the clock input. When the latch enable goes low, data at the D inputs will be retained at the
outputs until latch enable returns high again. When a high logic level is applied to the output control input,
all outputs go to a high impedance state, regardless of what signals are present at the other inputs and the
state of the storage elements. Low voltage and high speed operation is suitable at the battery drive product
(note type personal computer) and low power consumption extends the life of a battery for long time
operation.
Features
• V
CC = 2.0 V to 5.5 V
• All inputs V
IH (Max.) = 5.5 V (@VCC = 0 V to 5.5 V)
• Typical V
OL ground bounce < 0.8 V (@VCC = 3.3 V, Ta = 25°C)
• Typical V
OH undershoot > 2.0 V (@VCC = 3.3 V, Ta = 25°C)
• High output current ±24 mA (@V
CC = 3.0 V to 5.5 V)


Similar Part No. - HD74LVC534

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LVC534 RENESAS-HD74LVC534 Datasheet
206Kb / 8P
Octal D-type Flip Flops with 3-state Outputs
HD74LVC534FPEL RENESAS-HD74LVC534FPEL Datasheet
206Kb / 8P
Octal D-type Flip Flops with 3-state Outputs
HD74LVC534TELL RENESAS-HD74LVC534TELL Datasheet
206Kb / 8P
Octal D-type Flip Flops with 3-state Outputs
More results

Similar Description - HD74LVC534

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74BC574A HITACHI-HD74BC574A Datasheet
39Kb / 10P
Octal D Type Flip Flops With 3 State Outputs
HD74HC374 HITACHI-HD74HC374 Datasheet
67Kb / 11P
Octal D-type Flip-Flops (with 3-state outputs),Octal D-type Flip-flops (with inverted 3-state outputs)
HD74LVC374A HITACHI-HD74LVC374A Datasheet
48Kb / 9P
Octal D-type Flip Flops with 3-state Outputs
logo
Renesas Technology Corp
HD74LV574A RENESAS-HD74LV574A Datasheet
84Kb / 8P
Octal D-type Flip-Flops with 3-state Outputs
HD74LVC534 RENESAS-HD74LVC534 Datasheet
206Kb / 8P
Octal D-type Flip Flops with 3-state Outputs
RD74LVC374B RENESAS-RD74LVC374B Datasheet
109Kb / 9P
Octal D-type Flip Flops with 3-state Outputs
HD74HCT564 RENESAS-HD74HCT564 Datasheet
121Kb / 9P
Octal D-type Flip-Flops (with 3-state outputs)
HD74HC374 RENESAS-HD74HC374 Datasheet
117Kb / 9P
Octal D-type Flip-Flops (with 3-state outputs)/Octal D-type Flip-Flops (with inverted 3-state outputs)
HD74HC564 RENESAS-HD74HC564 Datasheet
120Kb / 10P
Octal D-type Flip-Flops (with 3-state outputs)
HD74HCT534 RENESAS-HD74HCT534_15 Datasheet
136Kb / 10P
Octal D-type Flip-Flops (with 3-state outputs) Octal D-type Flip-Flops (with inverted 3-state outputs)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com