Electronic Components Datasheet Search
  English  ▼

X  

CF4N60S Datasheet(PDF) 5 Page - Compact Technology Corp.

Part # CF4N60S
Description  Switch Mode Power Supply
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTC [Compact Technology Corp.]
Direct Link  http://www.ctc-semicon.com
Logo CTC - Compact Technology Corp.

CF4N60S Datasheet(HTML) 5 Page - Compact Technology Corp.

  CF4N60S Datasheet HTML 1Page - Compact Technology Corp. CF4N60S Datasheet HTML 2Page - Compact Technology Corp. CF4N60S Datasheet HTML 3Page - Compact Technology Corp. CF4N60S Datasheet HTML 4Page - Compact Technology Corp. CF4N60S Datasheet HTML 5Page - Compact Technology Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
CF4N60S
http://ctc-semicon.com
P5/5
TO-220F MECHANICAL DATA
UNIT:mm
SYMBOL
MIN
NOM
MAX
SYMBOL
MIN
NOM
MAX
A
4.5
4.9
E1
6.5
7
7.5
A1
2.3
2.9
e
2.44
2.54
2.64
b
0.65
0.9
L
12.5
14.3
b1
1.1
1.7
L1
9.45
10.05
b2
1.2
1.4
L2
15
16
c
0.35
0.65
L3
3.2
4.4
D
14.5
16.5
ΦP
3
3.3
D1
6.1
6.9
Q
2.5
2.9
E
9.6
10.3
V1.1 14-01



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com