Electronic Components Datasheet Search
  English  ▼

X  

PBU603 Datasheet(PDF) 2 Page - Compact Technology Corp.

Part # PBU603
Description  GLASS PASSIVATED BRIDGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTC [Compact Technology Corp.]
Direct Link  http://www.ctc-semicon.com
Logo CTC - Compact Technology Corp.

PBU603 Datasheet(HTML) 2 Page - Compact Technology Corp.

  PBU603 Datasheet HTML 1Page - Compact Technology Corp. PBU603 Datasheet HTML 2Page - Compact Technology Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PBU
601 thru PBU606
2 of 2
PBU
601 thru PBU606
FIG.1- FORWARD CURRENT DERATING CURVE
0
1
2
3
4
5
6
7
8
9
10
0
25
50
75
100
125
150
175
CASE TEMAERATURE, (°C)
FIG.2- MAXIMUM NON-REPETITIVE SURGE
CURRENT
110
100
NUMBER OF CYCLES AT 60Hz
FIG.3- TYPICAL JUNCTION CAPACITANCE
1
10
0
100
0
1
10
100
REVERSE VOLTAGE, (V)
FIG.4- TYPICAL FORWORD CHARACTERISTICS
0.1
1
10
0.4
0.6
0.8
1
1.2
1.4
1.6
INSTANTANEOUS FORWARD VOLTAGE, (V)
FIG.5- TYPICAL REVERSE CHARACTERISTICS
0.01
0.1
1
10
100
1000
0
20
40
60
80
100
120
PERCENT OF RATED PEAK REVERSE VOLTAGE, (V)
PULSE WIDTH 300us
Tj=25°C, f=1MHz
Pulse width 8.3ms Single Half Sine-Wave
With heatsink_75*75*1.6 mm Copper plate
Without heatsink
Tj=25°C
Tj=125°C
RESISTIVE OR INDUCTIVE LOAD
Tj=125°C
Tj=25°C
Tj=100°C
175
150
125
100
75
50
25



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com