Electronic Components Datasheet Search
  English  ▼

X  

Q970129 Datasheet(PDF) 1 Page - E-SWITCH

Part # Q970129
Description  All Dimension In MM
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

Q970129 Datasheet(HTML) 1 Page - E-SWITCH

  Q970129 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
MS0850500F115S1A
2/21/2013
Q970129
B
EBP
1
1
9.90
[.390 in]
2.90
[.114 in]
2.50
[.098 in]
10.60
[.417 in]
5.10
[.201 in]
1.85
[.073 in]
2.00
[.079 in]
n2.40
[.094 in]
O.P.
3.60
[.142 in]
n2.50
[.098 in]
19.80
[.780 in]
6.40
[.252 in]
3.20
[.126 in]
A
21035
RELEASED FOR PRODUCTION
2/21/13
EBP
NOTES:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X=`0.4
X.XX=`0.25
3. RATING: 5A @125/250VAC UL, CUL, VDE APPROVED
4. OPERATING FORCE: 115`30 GRAMS
5. OPERATING TEMP: -25~C TO 85~C
6. ELECTRICAL LIFE: 50,000 CYCLES MIN.
7. MECHANICAL LIFE: 1,000,000 CYCLES TYP.
8. INSULATION RESISTANCE: 100 MEGA-OHMS @ 500 VDC
9. DIELECTRIC STRENGTH: 1000VAC 1 MINUTE (INITAL VALUE)
10. CONTACT RESISTANCE: 100 MILLI-OHMS MAX.
11. 2002/95/EC (ROHS) COMPLIANT
12.
DENOTES CRITICAL PARAMETER.
NC
NO
COM
CIRCUIT: SPDT
O.P. (MM)
P.T. (MM)
`
O.P. = OPERATING POINT
P.T. = PRE-TRAVEL
8.5
1.1 MAX
0.3
2.00
[.079 in]
9.50
[.374 in]
6.40
[.252 in]
.60
[.024 in]
P.T.
8.80
[.346 in]
7.30
[.287 in]
n1.60
[.063 in]
4.80
[.189 in]
B
21087
CORRECT OPERATING FORCE
3/28/13
EBP
B


Similar Part No. - Q970129

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
Q970120 E-SWITCH-Q970120 Datasheet
93Kb / 1P
All Dimension In MM
Q970121 E-SWITCH-Q970121 Datasheet
95Kb / 1P
All Dimension In MM
Q970122 E-SWITCH-Q970122 Datasheet
77Kb / 1P
All Dimension In MM
Q970123 E-SWITCH-Q970123 Datasheet
77Kb / 1P
All Dimension In MM
Q970124 E-SWITCH-Q970124 Datasheet
77Kb / 1P
All Dimension In MM
More results

Similar Description - Q970129

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
XR0119B E-SWITCH-XR0119B Datasheet
26Kb / 1P
All Dimension In MM
XR0123B E-SWITCH-XR0123B Datasheet
27Kb / 1P
All Dimension In MM
XR0126B E-SWITCH-XR0126B Datasheet
27Kb / 1P
All Dimension In MM
XR0143P E-SWITCH-XR0143P Datasheet
35Kb / 1P
All Dimension In MM
XR0144P E-SWITCH-XR0144P Datasheet
35Kb / 1P
All Dimension In MM
XR0150P E-SWITCH-XR0150P Datasheet
26Kb / 1P
All Dimension In MM
XR0153P E-SWITCH-XR0153P Datasheet
26Kb / 1P
All Dimension In MM
XR0166P E-SWITCH-XR0166P Datasheet
35Kb / 1P
All Dimension In MM
XR0180P E-SWITCH-XR0180P Datasheet
33Kb / 1P
All Dimension In MM
M301100 E-SWITCH-M301100 Datasheet
34Kb / 1P
All Dimension In MM
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com