Electronic Components Datasheet Search
  English  ▼

X  

EMG3 Datasheet(PDF) 3 Page - Rohm

Part # EMG3
Description  NPN 100mA 50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

EMG3 Datasheet(HTML) 3 Page - Rohm

  EMG3 Datasheet HTML 1Page - Rohm EMG3 Datasheet HTML 2Page - Rohm EMG3 Datasheet HTML 3Page - Rohm EMG3 Datasheet HTML 4Page - Rohm EMG3 Datasheet HTML 5Page - Rohm EMG3 Datasheet HTML 6Page - Rohm EMG3 Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
www.rohm.com
© 2012 ROHM Co., Ltd. All rights reserved.
Data Sheet
EMG3 / UMG3N / FMG3A
lElectrical characteristic curves
(Ta = 25°C)
Fig.1 Grounded emitter propagation
characteristics
BASE TO EMITTER VOLTAGE : VBE (V)
Fig.2 Grounded emitter output
characteristics
COLLECTOR TO EMITTER
VOLTAGE : VCE (V)
Fig.3 DC Current gain
vs. Collector Current
COLLECTOR CURRENT : IC (mA)
Fig.4 Collector-emitter saturation voltage
vs. Collector Current
COLLECTOR CURRENT : IC (mA)
0
20
40
60
80
100
0
5
10
250μA
0A
300μA
350μA
400μA
450μA
500μA
200μA
150μA
100μA
IB=
Ta=25ºC
50μA
0.001
0.01
0.1
1
10
0
0.5
1
1.5
2
VCE=5V
Ta=100ºC
25ºC
-
40ºC
3/6
2012.06 - Rev.B



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com