Electronic Components Datasheet Search
  English  ▼

X  

SA20A Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SA20A
Description  TRANSZORB Transient Voltage Suppressors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SA20A Datasheet(HTML) 2 Page - Vishay Siliconix

  SA20A Datasheet HTML 1Page - Vishay Siliconix SA20A Datasheet HTML 2Page - Vishay Siliconix SA20A Datasheet HTML 3Page - Vishay Siliconix SA20A Datasheet HTML 4Page - Vishay Siliconix SA20A Datasheet HTML 5Page - Vishay Siliconix SA20A Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SA5.0A thru SA170CA
www.vishay.com
Vishay General Semiconductor
Revision: 18-Sep-12
2
Document Number: 88378
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) Pulse test: tp  50 ms
(2) Surge current waveform per fig. 3 and derate per fig. 2
(3) For bi-directional types with VWM of 10 V and less the ID limit is doubled
(4) For the bi-directional SA5.0CA, the maximum VBR is 7.25 V
(5) All terms and symbols are consistent with ANSI/EEE CA62.35
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
DEVICE TYPE
BREAKDOWN
VOLTAGE
VBR AT IT (1)
(V)
TEST
CURRENT
IT
(mA)
STAND-OFF
VOLTAGE
VWM
(V)
MAXIMUM
REVERSE
LEAKAGE
AT VWM (3)
ID (μA)
MAXIMUM
PEAK
PULSE
CURRENT
IPPM (2)
(A)
MAXIMUM
CLAMPING
VOLTAGE
AT IPPM
VC (V)
MAXIMUM
TEMPERATURE
COEFFICENT
AT VBR
(%/°C)
MIN.
MAX.
SA5.0A (4)
6.40
7.07
10
5.0
600
54.3
9.2
5
SA6.0A
6.67
7.37
10
6.0
600
48.5
10.3
5
SA6.5A
7.22
7.98
10
6.5
400
44.7
11.2
5
SA7.0A
7.78
8.60
10
7.0
150
41.7
12.0
6
SA7.5A
8.33
9.21
1.0
7.5
50
38.8
12.9
7
SA8.0A
8.89
9.83
1.0
8.0
25
36.8
13.6
7
SA8.5A
9.44
10.4
1.0
8.5
10
34.7
14.4
8
SA9.0A
10.0
11.1
1.0
9.0
5.0
32.5
15.4
9
SA10A
11.1
12.3
1.0
10
1.0
29.4
17.0
10
SA11A
12.2
13.5
1.0
11
1.0
27.5
18.2
11
SA12A
13.3
14.7
1.0
12
1.0
25.1
19.9
12
SA13A
14.4
15.9
1.0
13
1.0
23.3
21.5
13
SA14A
15.6
17.2
1.0
14
1.0
21.6
23.2
14
SA15A
16.7
18.5
1.0
15
1.0
20.5
24.4
16
SA16A
17.8
19.7
1.0
16
1.0
19.2
26.0
17
SA17A
18.9
20.9
1.0
17
1.0
18.1
27.6
19
SA18A
20.0
22.1
1.0
18
1.0
17.1
29.2
20
SA20A
22.2
24.5
1.0
20
1.0
15.4
32.4
23
SA22A
24.4
26.9
1.0
22
1.0
14.1
35.5
25
SA24A
26.7
29.5
1.0
24
1.0
12.9
38.9
28
SA26A
28.9
31.9
1.0
26
1.0
11.9
42.1
30
SA28A
31.1
34.4
1.0
28
1.0
11
45.4
31
SA30A
33.3
36.8
1.0
30
1.0
10
48.4
36
SA33A
36.7
40.6
1.0
33
1.0
9.4
53.3
39
SA36A
40.0
44.2
1.0
36
1.0
8.6
58.1
41
SA40A
44.4
49.1
1.0
40
1.0
7.8
64.5
46
SA43A
47.8
52.8
1.0
43
1.0
7.2
69.4
50
SA45A
50.0
55.3
1.0
45
1.0
6.9
72.7
52
SA48A
53.3
58.9
1.0
48
1.0
6.5
77.4
56
SA51A
56.7
62.7
1.0
51
1.0
6.1
82.4
61
SA54A
60.0
66.3
1.0
54
1.0
5.7
87.1
65
SA58A
64.4
71.2
1.0
58
1.0
5.3
93.6
70
SA60A
66.7
73.7
1.0
60
1.0
5.2
96.8
71
SA64A
71.1
78.6
1.0
64
1.0
4.9
103
76
SA70A
77.8
86.0
1.0
70
1.0
4.4
113
85
SA75A
83.3
92.1
1.0
75
1.0
4.1
121
91
SA78A
86.7
95.8
1.0
78
1.0
4
126
95
SA85A
94.4
104
1.0
85
1.0
3.6
137
103
SA90A
100
111
1.0
90
1.0
3.4
146
110
SA100A
111
123
1.0
100
1.0
3.1
162
123
SA110A
122
135
1.0
110
1.0
2.8
177
133
SA120A
133
147
1.0
120
1.0
2.6
193
146
SA130A
144
159
1.0
130
1.0
2.4
209
158
SA150A
167
185
1.0
150
1.0
2.1
243
184
SA160A
178
197
1.0
160
1.0
1.9
259
196
SA170A
189
209
1.0
170
1.0
1.8
275
208



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com