Electronic Components Datasheet Search
  English  ▼

X  

Q970144 Datasheet(PDF) 1 Page - E-SWITCH

Part # Q970144
Description  ALL DIMENSIONS IN MM [INCH]
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

Q970144 Datasheet(HTML) 1 Page - E-SWITCH

  Q970144 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ISOMETRIC
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
MS085R105F065S1A
6/12/2014
Q970144
A
EBP
1
1
2.90
[.114 in]
5.10
[.201 in]
n2.40
[.094 in]
O.P.
n2.50
[.098 in]
19.80
[.780 in]
6.40
[.252 in]
A
21478
RELEASED FOR PRODUCTION
6/12/14
EBP
NOTES:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X=`0.4
X.XX=`0.25
3. RATING: 0.4VA @20VAC OR DC
4. OPERATING FORCE: 65`20 GRAMS
5. OPERATING TEMP: -25~C TO 85~C
6. ELECTRICAL LIFE: 50,000 CYCLES MIN.
7. MECHANICAL LIFE: 1,000,000 CYCLES TYP.
8. INSULATION RESISTANCE: 100 MEGA-OHMS
9. DIELECTRIC STRENGTH: 1000VAC 1 MINUTE (INITAL VALUE)
10. CONTACT RESISTANCE: 100 mΩ MAX.
11. CONTACTS: 10 MICRO INCHES MINIMUM GOLD PLATING (PN: Q990001)
12.
DENOTES CRITICAL PARAMETER.
13. 2002/95/EC (ROHS) COMPLIANT
O.P. (MM)
P.T. (MM)
`
O.P. = OPERATING POINT
P.T. = PRE-TRAVEL
14.9
4.0 MAX
1.0
14.90 `.50
.587 `.020 in
[
]
9.50
[.374 in]
6.40
[.252 in]
P.T.
3.20
[.126 in]
8.80
[.346 in]
.60
[.024 in]
1.85
[.073 in]
7.30
[.287 in]
NC
NO
COM
CIRCUIT: SPDT
4.80
[.189 in]
n1.60
[.063 in]


Similar Part No. - Q970144

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
Q970140 E-SWITCH-Q970140 Datasheet
142Kb / 1P
All Dimension In MM
Q970141 E-SWITCH-Q970141 Datasheet
77Kb / 1P
All Dimension In MM
Q970142 E-SWITCH-Q970142 Datasheet
70Kb / 1P
ALL DIMENSIONS IN MM [INCH]
Q970143 E-SWITCH-Q970143 Datasheet
81Kb / 1P
ALL DIMENSIONS IN MM [INCH]
Q970145 E-SWITCH-Q970145 Datasheet
139Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results

Similar Description - Q970144

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T700103 E-SWITCH-T700103 Datasheet
30Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T700203 E-SWITCH-T700203 Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T700400 E-SWITCH-T700400 Datasheet
31Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T800300 E-SWITCH-T800300 Datasheet
66Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T800501 E-SWITCH-T800501 Datasheet
41Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T811002 E-SWITCH-T811002 Datasheet
76Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0106P E-SWITCH-XR0106P Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0108P E-SWITCH-XR0108P Datasheet
33Kb / 1P
ALL DIMENSIONS IN MM[INCH]
B401000 E-SWITCH-B401000 Datasheet
154Kb / 1P
ALL DIMENSIONS IN MM [INCH]
B401006 E-SWITCH-B401006 Datasheet
203Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com