Electronic Components Datasheet Search
  English  ▼

X  

ER1B Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # ER1B
Description  Superfast Switching Surface Mount Silicon Rectifier Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

ER1B Datasheet(HTML) 1 Page - Diotec Semiconductor

  ER1B Datasheet HTML 1Page - Diotec Semiconductor ER1B Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ER1A ... ER1M
ER1A ... ER1M
Superfast Switching Surface Mount Silicon Rectifier Diodes
Superschnelle Silizium-Gleichrichterdioden für die Oberflächenmontage
Version 2013-10-14
Dimensions - Maße [mm]
Nominal current – Nennstrom
1 A
Repetitive peak reverse voltage
Periodische Spitzensperrspannung
50...1000 V
Plastic case
Kunststoffgehäuse
~ SMA
~ DO-214AC
Weight approx. – Gewicht ca.
0.07 g
Plastic material has UL classification 94V-0
Gehäusematerial UL94V-0 klassifiziert
Standard packaging taped and reeled
Standard Lieferform gegurtet auf Rolle
Maximum ratings
Grenzwerte
Type
Typ
Repetitive peak reverse voltage
Periodische Spitzensperrspannung
VRRM [V]
Surge peak reverse voltage
Stoßspitzensperrspannung
VRSM [V]
ER1A
50
50
ER1B
100
100
ER1D
200
200
ER1G
400
400
ER1J
600
600
ER1K
800
800
ER1M
1000
1000
Max. average forward rectified current, R-load
Dauergrenzstrom in Einwegschaltung mit R-Last
TT = 100°C
IFAV
1 A
Repetitive peak forward current
Periodischer Spitzenstrom
f > 15 Hz
IFRM
6 A 1)
Peak forward surge current, 50 Hz half sine-wave
Stoßstrom für eine 50 Hz Sinus-Halbwelle
TA = 25°C
IFSM
30 A
Rating for fusing, t < 10 ms
Grenzlastintegral, t < 10 ms
TA = 25°C
i2t
4.5 A2s
Junction temperature – Sperrschichttemperatur
Storage temperature – Lagerungstemperatur
Tj
TS
-50...+150°C
-50...+150°C
1
Max. temperature of the terminals TT = 100°C – Max. Temperatur der Anschlüsse TT = 100°C
© Diotec Semiconductor AG
http://www.diotec.com/
1
Type
Typ
0.15
1± 0.3
4.5± 0.3
5
± 0.2


Similar Part No. - ER1B

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
ER1B PANJIT-ER1B Datasheet
63Kb / 2P
SURFACE MOUNT SUPERFAST RECTIFIER(VOLTAGE - 50 to 600 Volts CURRENT - 1.0 Ampere)
logo
Transys Electronics
ER1B TRSYS-ER1B Datasheet
248Kb / 3P
SURFACE MOUNT SUPERFAST RECTIFIER
logo
Dc Components
ER1B DCCOM-ER1B Datasheet
497Kb / 2P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SUPER FAST RECTIFIER
logo
Micro Commercial Compon...
ER1B MCC-ER1B Datasheet
631Kb / 3P
1 Amp Super Fast Recovery Silicon Rectifier 50 to 1000 Volts
logo
Diotec Semiconductor
ER1B DIOTEC-ER1B Datasheet
163Kb / 2P
Superfast Switching Surface Mount Si-Rectifiers
More results

Similar Description - ER1B

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
ER2A DIOTEC-ER2A_10 Datasheet
103Kb / 2P
Superfast Switching Surface Mount Silicon Rectifier Diodes
ES2A DIOTEC-ES2A Datasheet
119Kb / 2P
Superfast Switching Surface Mount Silicon Rectifier Diodes
ES3A DIOTEC-ES3A Datasheet
119Kb / 2P
Superfast Switching Surface Mount Silicon Rectifier Diodes
ER3A DIOTEC-ER3A_13 Datasheet
100Kb / 2P
Superfast Switching Surface Mount Silicon Rectifier Diodes
ES3A DIOTEC-ES3A_13 Datasheet
103Kb / 2P
Superfast Efficient Surface Mount Silicon Rectifier Diodes
FE1A DIOTEC-FE1A_13 Datasheet
92Kb / 2P
Superfast Switching Silicon-Rectifier Diodes
FE2A DIOTEC-FE2A_13 Datasheet
92Kb / 2P
Superfast Switching Silicon Rectifier Diodes
FE6A DIOTEC-FE6A_12 Datasheet
93Kb / 2P
Superfast Switching Silicon Rectifier Diodes
SFE1A DIOTEC-SFE1A_15 Datasheet
176Kb / 2P
Superfast Switching Surface Mount Silicon Rectifier Diodes
logo
DIOTEC Electronics Corp...
ER1A DEC-ER1A_11 Datasheet
103Kb / 2P
Superfast Switching Surface Mount Silicon Rectifier Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com