Electronic Components Datasheet Search
  English  ▼

X  

ES1A Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # ES1A
Description  Superfast Efficient Surface Mount Rectifier Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

ES1A Datasheet(HTML) 2 Page - Diotec Semiconductor

  ES1A_13 Datasheet HTML 1Page - Diotec Semiconductor ES1A_13 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ES1A ... ES1J
Characteristics
Kennwerte
Type
Typ
Reverse recovery time
Sperrverzugszeit
t
rr [ns]
1)
Forward voltage
Durchlass-Spannung
V
F [V]
at / bei
I
F [A]
ES1A...ES1D
< 15
< 0.92
1
ES1F...ES1G
< 25
< 1.3
1
ES1J
< 35
< 1.7
1
Leakage current
Sperrstrom
Tj = 25°C
Tj = 100°C
VR = VRRM
VR = VRRM
IR
IR
< 5 µA
< 100 µA
Typ. junction capacitance – Typ. Sperrschichtkapazitat
4.0V, 1MHz
CJ
10 pF
1
I
F = 0.5 A through/über IR = 1 A to/auf IR = 0.25 A
2
http://www.diotec.com/
© Diotec Semiconductor AG
120
100
80
60
40
20
0
I
FAV
[%]
[°C]
T
A
150
100
50
0
Rated forward current versus ambient temperature )
Zul. Richtstrom in Abh. von der Umgebungstemp. )
1
1
[A]
I
F
Forward characteristics (typical values)
Durchlasskennlinien (typische Werte)
[V]
V
F
10
1
0.1
10
10
-2
-3
ES1A...D
T = 25°C
j
ES1F...G
ES1J
10
1
10
10
10
-1
-2
-3
[µA]
I
R
0
V
RRM
40
60
100
[%]
Typ. instantaneous leakage current vs. rev. voltage
Typ. Sperrstrom (Augenblickswert) ü. Sperrspannung
T = 25°C
j
T = 125°C
j
T = 85°C
j
[pF]
[V]
C
j
V
R
T = 25°C
f = 1.0 MHz
j
Junction capacitance vs. reverse voltage (typical)
Sperrschichtkapazität in Abh. v.d. Sperrspg. (typ.)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com