Electronic Components Datasheet Search
  English  ▼

X  

MMSZ4682 Datasheet(PDF) 2 Page - Micro Commercial Components

Part # MMSZ4682
Description  500mW Silicon Zener Diodes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MMSZ4682 Datasheet(HTML) 2 Page - Micro Commercial Components

  MMSZ4682 Datasheet HTML 1Page - Micro Commercial Components MMSZ4682 Datasheet HTML 2Page - Micro Commercial Components MMSZ4682 Datasheet HTML 3Page - Micro Commercial Components MMSZ4682 Datasheet HTML 4Page - Micro Commercial Components MMSZ4682 Datasheet HTML 5Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Micro Commercial Components
MCC
TM
MMSZ4678 thru MMSZ4716
Electrical Characteristics (TL= 30
OC Unless Otherwise Noted, VF=
0.95V Max @ IF=10mA for all types)
Zener Voltage
Leakage Current
Vz(Volts)
@IZT
IR @VR
Device
Min
Nom
Max
u A
u A
Volts
Device
Marking
MMSZ4678
1.71
1.8
1.89
50
7.5
1.0
CC
MMSZ4679
1.90
2.0
2.10
50
5.0
1.0
CD
MMSZ4680
2.09
2.2
2.31
50
5.0
1.0
CE
MMSZ4681
2.28
2.40
2.52
50
2.0
1.0
CF
MMSZ4682
2.565
2.7
2.835
50
1.0
1.0
CH
MMSZ4683
2.85
3.0
3.15
50
0.8
1.0
CJ
MMSZ4684
3.135
3.3
3.465
50
7.5
1.5
CK
MMSZ4685
3.42
3.6
3.78
50
7.5
2.0
CM
MMSZ4686
3.705
3.9
4.095
50
5.0
2.0
CN
MMSZ4687
4.085
4.3
4.515
50
4.0
2.0
CP
MMSZ4688
4.465
4.7
4.935
50
10
3.0
CT
MMSZ4689
4.845
5.1
5.355
50
10
3.0
CU
MMSZ4690
5.32
5.6
5.88
50
10
4.0
CV
MMSZ4691
5.89
6.2
6.51
50
10
5.0
CA
MMSZ4692
6.46
6.8
7.14
50
10
5.1
CX
MMSZ4693
7.125
7.5
7.875
50
10
5.7
CY
MMSZ4694
7.79
8.2
8.61
50
10
6.2
CZ
MMSZ4695
8.265
8.7
9.135
50
10
6.6
DC
MMSZ4696
8.645
9.1
9.555
50
10
6.9
DD
MMSZ4697
9.50
10
10.5
50
10
7.6
DE
MMSZ4698
10.45
11
11.55
50
0.05
8.4
DF
MMSZ4699
11.40
12
12.6
50
0.05
9.1
DH
MMSZ4700
12.35
13
13.65
50
0.05
9.8
DJ
MMSZ4701
13.30
14
14.7
50
0.05
10.6
DK
MMSZ4702
14.25
15
15.75
50
0.05
11.4
DM
MMSZ4703
15.20
16
16.8
50
0.05
12.1
DN
MMSZ4704
16.15
17
17.85
50
0.05
12.9
DP
MMSZ4706
18.05
19
19.95
50
0.05
14.4
DU
MMSZ4707
19.00
20
21
50
0.01
15.2
DV
MMSZ4711
25.65
27
28.35
50
0.01
20.4
EA
MMSZ4713
28.5
30
31.5
50
0.01
22.8
ED
www.mccsemi.com
2 of 5
Revision: C
2014/08/07
MMSZ4714
31.35
33
34.65
50
0.01
25.0
EF
MMSZ4716
37.05
39
40.95
50
0.01
29.6
EH
MMSZ4705
17.10
18
18.9
50
0.05
13.6
DT
MMSZ4710
23.75
25
26.25
50
0.01
19.0
DY
MMSZ4708
20.9
22
23.1
50
0.01
16.7
DA
MMSZ4709
22.8
24
25.2
50
0.01
18.2
DX
MMSZ4712
26.6
28
29.4
50
0.01
21.2
EC
MMSZ4715
34.2
36
37.8
50
0.01
27.3
EF



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com