Electronic Components Datasheet Search
  English  ▼

X  

HSB124 Datasheet(PDF) 2 Page - Hitachi Semiconductor

Part # HSB124
Description  Silicon Epitaxial Planar Diode for High Speed Switching
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HSB124 Datasheet(HTML) 2 Page - Hitachi Semiconductor

  HSB124 Datasheet HTML 1Page - Hitachi Semiconductor HSB124 Datasheet HTML 2Page - Hitachi Semiconductor HSB124 Datasheet HTML 3Page - Hitachi Semiconductor HSB124 Datasheet HTML 4Page - Hitachi Semiconductor HSB124 Datasheet HTML 5Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
HSB124S
2
Absolute Maximum Ratings (Ta = 25
°C)
Item
Symbol
Value
Unit
Peak reverse voltage
V
RM
85
V
Reverse voltage
V
R
80
V
Peak forward current
I
FM
*1
300
mA
Non-Repetitive peak
forward surge current
I
FSM
*2
4A
Average rectified current
I
O
*1
100
mA
Junction temperature
Tj
125
°C
Storage temperature
Tstg
-55 to +125
°C
Note:
1. Two device total.
Note:
2. Value at duration of 1
µsec, two device total.
Electrical Characteristics (Ta = 25
°C) *1
Item
Symbol
Min
Typ
Max
Unit
Test Condition
Forward voltage
V
F
—
—
1.2
V
I
F = 100 mA
Reverse current
I
R
—
—
0.01
µAV
R = 80V
Capacitance
C
—
—
4.0
pF
V
R = 0V, f = 1 MHz
Reverse recovery
time
t
rr
—
—
100
ns
I
F = 10 mA, VR = 6V, RL = 50Ω
Note:
1. Per one device.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com