Electronic Components Datasheet Search
  English  ▼

X  

HSB226YP Datasheet(PDF) 3 Page - Hitachi Semiconductor

Part # HSB226YP
Description  Silicon Schottky Barrier Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HSB226YP Datasheet(HTML) 3 Page - Hitachi Semiconductor

  HSB226YP Datasheet HTML 1Page - Hitachi Semiconductor HSB226YP Datasheet HTML 2Page - Hitachi Semiconductor HSB226YP Datasheet HTML 3Page - Hitachi Semiconductor HSB226YP Datasheet HTML 4Page - Hitachi Semiconductor HSB226YP Datasheet HTML 5Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
HSB226YP
3
Main Characteristic
Fig.1 Forward current Vs. Forward voltage
Fig.2 Reverse current Vs. Reverse voltage
Forward voltage V (V)
F
Reverse voltage V (V)
R
Fig.3 Capacitance Vs. Reverse voltage
Reverse voltage V (V)
R
10
10
-8
10
10
10
-4
-7
-6
-5
Ta=25
°C
Ta=75
°C
Pulse test
1.0
0
0.8
10
-2
10
-4
10
-6
0.2
0.4
0.6
10
-8
10
10
-3
10
-5
10
-1
10
0
10
1
-7
Ta=25
°C
Ta=7
°C
0.1
10
10
0.1
1.0
1.0
f=1MHz
0
10
30
40
20



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com