Electronic Components Datasheet Search
  English  ▼

X  

HSC276 Datasheet(PDF) 2 Page - Hitachi Semiconductor

Part # HSC276
Description  Silicon Schottky Barrier Diode for Mixer
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HSC276 Datasheet(HTML) 2 Page - Hitachi Semiconductor

  HSC276 Datasheet HTML 1Page - Hitachi Semiconductor HSC276 Datasheet HTML 2Page - Hitachi Semiconductor HSC276 Datasheet HTML 3Page - Hitachi Semiconductor HSC276 Datasheet HTML 4Page - Hitachi Semiconductor HSC276 Datasheet HTML 5Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
HSC276
2
Absolute Maximum Ratings (Ta = 25
°C)
Item
Symbol
Value
Unit
Reverse voltage
V
R
3V
Average rectified current
I
O
30
mA
Junction temperature
Tj
125
°C
Storage temperature
Tstg
-55 to +125
°C
Electrical Characteristics (Ta = 25
°C)
Item
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse voltage
V
R
3—
—
V
I
R = 1 mA
Reverse current
I
R
——
50
µAV
R = 0.5V
Forward current
I
F
35
—
—
mA
V
F = 0.5V
Capacitance
C
—
—
0.85
pF
V
R = 0.5V, f = 1 MHz
ESD-Capability
*1
—
30
—
—
V
C=200pF , Both forward and reverse direction
1 pulse.
Notes
1. Failure criterion ; IR
≥ 100µA at VR =0.5 V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com