Electronic Components Datasheet Search
  English  ▼

X  

HSC277 Datasheet(PDF) 1 Page - Hitachi Semiconductor

Part # HSC277
Description  Silicon Epitaxial Planar Diode for UHF/VHF tuner Band Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HSC277 Datasheet(HTML) 1 Page - Hitachi Semiconductor

  HSC277 Datasheet HTML 1Page - Hitachi Semiconductor HSC277 Datasheet HTML 2Page - Hitachi Semiconductor HSC277 Datasheet HTML 3Page - Hitachi Semiconductor HSC277 Datasheet HTML 4Page - Hitachi Semiconductor HSC277 Datasheet HTML 5Page - Hitachi Semiconductor HSC277 Datasheet HTML 6Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
HSC277
Silicon Epitaxial Planar Diode for UHF/VHF tuner Band Switch
ADE-208-413 (Z)
Rev. 0
Dec. 1995
Features
• Low forward resistance. (r
f = 0.7 max)
• Ultra small Flat Package (UFP) is suitable for surface mount design.
Ordering Information
Type No.
Cathode Mark
Package Code
HSC277
Laser
UFP
Outline
Cathode mark
12
1. Cathode
2. Anode
Absolute Maximum Ratings (Ta = 25°C)
Item
Symbol
Value
Unit
Reverse voltage
V
R
35
V
Junction temperature
Tj
125
°C
Power dissipation
Pd
150
mW
Operation temperature
Topr
–20 to +60
°C
Storage temperature
Tstg
–45 to +125
°C


Similar Part No. - HSC277

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HSC277 RENESAS-HSC277 Datasheet
75Kb / 5P
Silicon Epitaxial Planar Diode for UHF/VHF tuner Band Switch
More results

Similar Description - HSC277

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HSU277 HITACHI-HSU277 Datasheet
27Kb / 5P
Silicon Epitaxial Planar Diode for UHF/VHF tuner Band Switch
logo
Renesas Technology Corp
RKS1500DKK RENESAS-RKS1500DKK Datasheet
80Kb / 5P
Silicon Epitaxial Planar Diode for UHF/VHF tuner Band Switch
RKS150KK RENESAS-RKS150KK Datasheet
53Kb / 5P
Silicon Epitaxial Planar Diode for UHF/VHF tuner Band Switch
RKS151KJ RENESAS-RKS151KJ Datasheet
53Kb / 5P
Silicon Epitaxial Planar Diode for UHF/VHF tuner Band Switch
RKS151KK RENESAS-RKS151KK Datasheet
53Kb / 5P
Silicon Epitaxial Planar Diode for UHF/VHF tuner Band Switch
RKS1510DKJ RENESAS-RKS1510DKJ Datasheet
246Kb / 5P
Silicon Epitaxial Planar Diode for UHF/VHF tuner Band Switch
RKS1510DKK RENESAS-RKS1510DKK Datasheet
247Kb / 5P
Silicon Epitaxial Planar Diode for UHF/VHF tuner Band Switch
HSC277 RENESAS-HSC277 Datasheet
75Kb / 5P
Silicon Epitaxial Planar Diode for UHF/VHF tuner Band Switch
RKS152KJ RENESAS-RKS152KJ Datasheet
180Kb / 7P
Silicon Epitaxial Planar Diode for UHF/VHF tuner Band Switch
RKS152KK RENESAS-RKS152KK Datasheet
182Kb / 7P
Silicon Epitaxial Planar Diode for UHF/VHF tuner Band Switch
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com