Electronic Components Datasheet Search
  English  ▼

X  

HSS82 Datasheet(PDF) 2 Page - Hitachi Semiconductor

Part # HSS82
Description  Silicon Epitaxial Planar Diode for High Voltage Switching
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HSS82 Datasheet(HTML) 2 Page - Hitachi Semiconductor

  HSS82 Datasheet HTML 1Page - Hitachi Semiconductor HSS82 Datasheet HTML 2Page - Hitachi Semiconductor HSS82 Datasheet HTML 3Page - Hitachi Semiconductor HSS82 Datasheet HTML 4Page - Hitachi Semiconductor HSS82 Datasheet HTML 5Page - Hitachi Semiconductor HSS82 Datasheet HTML 6Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
HSS82
2
Absolute Maximum Ratings*2 (Ta = 25°C)
Item
Symbol
Value
Unit
Peak reverse voltage
V
RM*
1
250
V
Reverse voltage
V
R
200
V
Peak forward current
I
FM
625
mA
Non-Repetitive peak forward surge current
I
FSM*
2
1A
Average forward current
I
O
150
mA
Power dissipation
Pd
400
mW
Junction temperature
Tj
200
°C
Storage temperature
Tstg
–65 to +175
°C
Notes: 1. Reverse voltage in excess of peak reverse voltage may deteriorate electrical characteristic.
2. Within 1s forward surge current.
Electrical Characteristics (Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test Condition
Forward voltage
V
F
—
—
1.0
V
I
F = 100mA
Reverse current
I
R1
—
—
0.2
µAV
R = 200V
I
R2
—
—
100
V
R = 250V
Capacitance
C
—
1.5
—
pF
V
R = 0V, f = 1MHz
Reverse recovery time
t
rr
—
—
100
ns
I
F = IR = 30mA, Irr = 3mA, R L = 100Ω



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com