Electronic Components Datasheet Search
  English  ▼

X  

HVC132 Datasheet(PDF) 2 Page - Hitachi Semiconductor

Part # HVC132
Description  Silicon Epitaxial Planar Pin Diode for High Frequency Switching
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HVC132 Datasheet(HTML) 2 Page - Hitachi Semiconductor

  HVC132 Datasheet HTML 1Page - Hitachi Semiconductor HVC132 Datasheet HTML 2Page - Hitachi Semiconductor HVC132 Datasheet HTML 3Page - Hitachi Semiconductor HVC132 Datasheet HTML 4Page - Hitachi Semiconductor HVC132 Datasheet HTML 5Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
HVC132
2
Absolute Maximum Ratings (Ta = 25
°C)
Item
Symbol
Value
Unit
Peak reverse voltage
V
RM
65
V
Reverse voltage
V
R
60
V
Forward current
I
F
100
mA
Power dissipation
P
d
150
mW
Junction temperature
Tj
125
°C
Storage temperature
Tstg
-55 to +125
°C
Electrical Characteristics (Ta = 25
°C)
Item
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse current
I
R
—
—
0.1
µAV
R = 60V
Forward voltage
V
F
—
—
1.0
V
I
F = 10 mA
Capacitance
C
—
—
0.5
pF
V
R = 1V, f = 1 MHz
Forward resistance
r
f
—
—
2.0
Ω
I
F = 10 mA, f = 100 MHz



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com