Electronic Components Datasheet Search
  English  ▼

X  

HVC133 Datasheet(PDF) 1 Page - Hitachi Semiconductor

Part # HVC133
Description  Silicon Epitaxial Planar Pin Diode for High Frequency Switching
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HVC133 Datasheet(HTML) 1 Page - Hitachi Semiconductor

  HVC133 Datasheet HTML 1Page - Hitachi Semiconductor HVC133 Datasheet HTML 2Page - Hitachi Semiconductor HVC133 Datasheet HTML 3Page - Hitachi Semiconductor HVC133 Datasheet HTML 4Page - Hitachi Semiconductor HVC133 Datasheet HTML 5Page - Hitachi Semiconductor HVC133 Datasheet HTML 6Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
HVC133
Silicon Epitaxial Planar Pin Diode for High Frequency Switching
ADE-208-423B(Z)
Rev. 2
Feb 2000
Features
• Low capacitance.(C1=1.0pF max)
• Low forward resistance. (rf=0.7Ω max)
• Ultra small Flat Package (UFP) is suitable for surface mount design.
Ordering Information
Type No.
Laser Mark
Package Code
HVC133
P3
UFP
Outline
12
P3
Cathode mark
Mark
1. Cathode
2. Anode


Similar Part No. - HVC133

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HVC133 RENESAS-HVC133 Datasheet
81Kb / 7P
Silicon Epitaxial Planar Pin Diode for High Frequency Switching
logo
Guangdong Kexin Industr...
HVC133 KEXIN-HVC133 Datasheet
32Kb / 1P
Silicon Epitaxial Planar Pin Diode
logo
Renesas Technology Corp
HVC133A RENESAS-HVC133A Datasheet
159Kb / 5P
Silicon Epitaxial Planar Pin Diode for Antenna Switching
More results

Similar Description - HVC133

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HVC131 HITACHI-HVC131 Datasheet
22Kb / 5P
Silicon Epitaxial Planar Pin Diode for High Frequency Switching
HVC132 HITACHI-HVC132 Datasheet
22Kb / 5P
Silicon Epitaxial Planar Pin Diode for High Frequency Switching
HVC134 HITACHI-HVC134 Datasheet
23Kb / 6P
Silicon Epitaxial Planar Pin Diode for High Frequency Switching
HVD132 HITACHI-HVD132 Datasheet
23Kb / 5P
Silicon Epitaxial Planar Pin Diode for High Frequency Switching
HVU131 HITACHI-HVU131 Datasheet
23Kb / 5P
Silicon Epitaxial Planar Pin Diode for High Frequency Switching
HVU132 HITACHI-HVU132 Datasheet
23Kb / 5P
Silicon Epitaxial Planar Pin Diode for High Frequency Switching
HVU133 HITACHI-HVU133 Datasheet
23Kb / 5P
Silicon Epitaxial Planar Pin Diode for High Frequency Switching
HVU145 HITACHI-HVU145 Datasheet
36Kb / 6P
Silicon Epitaxial Planar Pin Diode for High Frequency Switching
logo
Renesas Technology Corp
HVC133 RENESAS-HVC133 Datasheet
81Kb / 7P
Silicon Epitaxial Planar Pin Diode for High Frequency Switching
HVD133 RENESAS-HVD133 Datasheet
76Kb / 7P
Silicon Epitaxial Planar Pin Diode for High Frequency Switching
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com