Electronic Components Datasheet Search
  English  ▼

X  

HVC135 Datasheet(PDF) 1 Page - Hitachi Semiconductor

Part # HVC135
Description  Silicon Epitaxial Trench Pin Diode for Antenna Switching
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HVC135 Datasheet(HTML) 1 Page - Hitachi Semiconductor

  HVC135 Datasheet HTML 1Page - Hitachi Semiconductor HVC135 Datasheet HTML 2Page - Hitachi Semiconductor HVC135 Datasheet HTML 3Page - Hitachi Semiconductor HVC135 Datasheet HTML 4Page - Hitachi Semiconductor HVC135 Datasheet HTML 5Page - Hitachi Semiconductor HVC135 Datasheet HTML 6Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
HVC135
Silicon Epitaxial Trench Pin Diode for Antenna Switching
ADE-208-818A (Z)
Rev 1
Feb. 2000
Features
• Adopting the trench structure improves low capacitance.(C=0.6pF max)
• Low forward resistance. (rf=2.0Ω max)
• Low operation current.
• Ultra small Flat Package (UFP) is suitable for surface mount design and stable rf characteristics in high
frequency.
Ordering Information
Type No.
Laser Mark
Package Code
HVC135
P5
UFP
Outline
12
P5
Cathode mark
Mark
1. Cathode
2. Anode


Similar Part No. - HVC135

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
HVC135 KEXIN-HVC135 Datasheet
32Kb / 1P
Silicon Epitaxial Trench Pin Diode
More results

Similar Description - HVC135

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HVC136 HITACHI-HVC136 Datasheet
25Kb / 6P
Silicon Epitaxial Trench Pin Diode for Antenna Switching
logo
Renesas Technology Corp
HVD144A RENESAS-HVD144A Datasheet
79Kb / 6P
Silicon Epitaxial Trench Pin Diode for Antenna Switching
HVD148 RENESAS-HVD148 Datasheet
50Kb / 5P
Silicon Epitaxial Trench Pin Diode for Antenna Switching
HVL147 RENESAS-HVL147 Datasheet
82Kb / 5P
Silicon Epitaxial Trench Pin Diode for Antenna Switching
HVD147 RENESAS-HVD147 Datasheet
82Kb / 5P
Silicon Epitaxial Trench Pin Diode for Antenna Switching
HVL147M RENESAS-HVL147M Datasheet
161Kb / 5P
Silicon Epitaxial Trench Pin Diode for Antenna Switching
HVL144A RENESAS-HVL144A Datasheet
67Kb / 6P
Silicon Epitaxial Trench Pin Diode for Antenna Switching
HVL147 RENESAS-HVL147_06 Datasheet
56Kb / 5P
Silicon Epitaxial Trench Pin Diode for Antenna Switching
HVL148 RENESAS-HVL148 Datasheet
155Kb / 5P
Silicon Epitaxial Trench Pin Diode for Antenna Switching
HVD135 RENESAS-HVD135 Datasheet
80Kb / 8P
Silicon Epitaxial Trench Pin Diode for Antenna Switching
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com