Electronic Components Datasheet Search
  English  ▼

X  

N4626 Datasheet(PDF) 1 Page - 3M Electronics

Part # N4626
Description  3M Surface Mount Header
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

N4626 Datasheet(HTML) 1 Page - 3M Electronics

  N4626 Datasheet HTML 1Page - 3M Electronics N4626 Datasheet HTML 2Page - 3M Electronics N4626 Datasheet HTML 3Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
3
Electronic Solutions Division
Interconnect Solutions
http://www.3Mconnectors.com
3M is a trademark of 3M Company.
For technical, sales or ordering information call
800-225-5373
3M™ Surface Mount Header
.100” × .100” High Temperature
N4600 Series
• Compliant gull wing leads make a reliable surface mount
connection which is easily inspectable
• Optional ejector latches
• Shrouded to prevent physical and chemical pin damage
• High temperature plastic for vapor phase reflow process
• Slotted mounting flanges for securing header to board
• Raised body for easy inspection and repair
• Leads are protected within the body shadow
• RoHS Compliant. See the Regulatory Information
Appendix (RIA) in the “RoHS Compliance” section of
www.3Mconnectors.com for compliance information.
Date Modified: May 8, 2013
TS-0168-E
Sheet 1 of 3
Physical
Insulator
Material: Glass Filled Polyester (PCT)
Flammability: UL 94V‑0
Color: Black
Contact:
Material: Copper Alloy
Plating
Underplating: 100 µ” [ 2.54 µm ] Nickel
Wiping Area: 30 µ” [ 0.76 µm ] Gold
Solder Tails: 200 µ” [ 5.08 µm ] 60/40 Tin Lead or 300 µ” Matte Tin (See Ordering Information)
Marking: 3M Logo, Part Identification Number and Orientation Triangle
Electrical
Current Rating:
4.75 A, 1 Line Powered
2.25 A, 6 Adjacent Lines Powered
1.25 A, All Lines Powered
Rating Conditions: EIA‑364‑070 Method 2, 30°C maximum temperature rise,
20% derated.
Reference appropriate 3M Product Specification for detailed current derating curves.
Insulation Resistance:
>1 x 109 W at 500 V
DC
Withstanding Voltage:
1,000 V
RMS at Sea Level
Environmental
Temperature Rating: -55˚C to +105˚C
Process: 260˚C (per J‑STD‑020C)
Moisture Sensitivity Level: 1 (per J‑STD‑020C)
UL File No.: E68080


Similar Part No. - N4626

ManufacturerPart #DatasheetDescription
logo
3M Electronics
N4626 3M-N4626 Datasheet
981Kb / 3P
3M™ Surface Mount Header .100” × .100” High Temperature
08-May-2013
More results

Similar Description - N4626

ManufacturerPart #DatasheetDescription
logo
3M Electronics
9611025604AR 3M-9611025604AR Datasheet
330Kb / 5P
3M™ Pin Strip Header
16-Oct-2008
logo
Mill-Max Mfg. Corp.
800-10-010-40-002000 MILL-MAX-800-10-010-40-002000 Datasheet
225Kb / 2P
Interconnect Header .100 Grid; Surface Mount Pin Header Horizontal Mount Single Row Surface Mount
logo
3M Electronics
356 3M-356 Datasheet
1Mb / 4P
3M™ Power Clamp Header
20-Dec-2009
2500 3M-2500 Datasheet
1Mb / 6P
3M™ Four-Wall Header
260
961428-8040804-AR 3M-961428-8040804-AR Datasheet
312Kb / 6P
3M™ Pin Strip Header
16-Oct-2008
91736 3M-91736 Datasheet
424Kb / 5P
3M™ CF Card Header
23-Sep-2005
N7E50-M516RB-40-WF 3M-N7E50-M516RB-40-WF Datasheet
1Mb / 6P
3M™ CF Card Header CompactFlash™ Type II, Long Guides, Surface Mount
16-Aug-2010
N4660-2000 3M-N4660-2000 Datasheet
981Kb / 3P
3M™ Surface Mount Header .100” × .100” High Temperature
08-May-2013
3952 3M-3952 Datasheet
445Kb / 3P
3M??Surface Protection Film 3952
logo
Samtec, Inc
FTSH SAMTEC-FTSH Datasheet
272Kb / 1P
SURFACE MOUNT MICRO HEADER
Rev 10FEB22
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com