Electronic Components Datasheet Search
  English  ▼

X  

N4640 Datasheet(PDF) 2 Page - 3M Electronics

Part # N4640
Description  3M Surface Mount Header
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

N4640 Datasheet(HTML) 2 Page - 3M Electronics

  N4640 Datasheet HTML 1Page - 3M Electronics N4640 Datasheet HTML 2Page - 3M Electronics N4640 Datasheet HTML 3Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
3
Electronic Solutions Division
Interconnect Solutions
http://www.3Mconnectors.com
3M is a trademark of 3M Company.
For technical, sales or ordering information call
800-225-5373
3M™ Surface Mount Header
.100” × .100” High Temperature
N4600 Series
Inch
(mm)
±
.005
±
.1 ± .01
Tolerance Unless Noted
.0
.00
.000
Inch
[ ] Dimensions for
Reference only
C
Notes:
1. Notches A and C will accommodate 3M™ Polarization Key N3518.
2. Accepts a #4, #2, or 3 mm Panhead Machine Screw and Nut.
3. Mounting ears provide mechanical protection to solder joints and are recommended.
For applications where there is not room for mounting ears, ejector/latches should be used.
TS-0168-E
Sheet 2 of 3
.41 [10.4]
.56
[14.2]
]
4
.
9
[
f
e
R
7
3
.
]
6
.
5
[
f
e
R
2
2
.
C
Position 1
D
A
.25 [6.4]
B
.165 [4.19]
.33 [8.4]
.155 ± .010
[3.94]
2X R .06
[1.5]
(See Note 2)
.100 Ref
[2.54]
.100 Typ Ref
[2.54]
.25 Ref
[6.4]
Position 1
Orientation
Triangle
Notch A
(See Table 1 & Note 1)
Notch B
(See Table 1)
Notch C
(See Table 1 & Note 1)
.17 [4.3]
A
A
Optional
Ejector Latch
.525
[13.34]
.235
[5.97]
.243 Ref
[6.17]
.100 Ref [2.54]
.025 Sq Typ
[0.64]
.150 [3.81]
Section A-A
-20XX
Header with
no Ejector/Latch
-22XX
Header with
Short Ejector/Latch
for 3M Sockets without
Strain Relief
-23XX
Header with
Long Ejector/Latch
for 3M Sockets with
Strain Relief



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com