Electronic Components Datasheet Search
  English  ▼

X  

HVC306 Datasheet(PDF) 3 Page - Hitachi Semiconductor

Part # HVC306
Description  Variable Capacitance Diode for VHF tuner
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HVC306 Datasheet(HTML) 3 Page - Hitachi Semiconductor

  HVC306 Datasheet HTML 1Page - Hitachi Semiconductor HVC306 Datasheet HTML 2Page - Hitachi Semiconductor HVC306 Datasheet HTML 3Page - Hitachi Semiconductor HVC306 Datasheet HTML 4Page - Hitachi Semiconductor HVC306 Datasheet HTML 5Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
HVC306A
3
Main Characteristic
Fig.1 Reverse current Vs. Reverse voltage
Fig.2 Capacitance Vs. Reverse voltage
Fig.3 Series resistance Vs. Reverse voltage
Fig.4 Linearity factor Vs. Reverse voltage
010
20
30
40
50
10
-6
10
-11
Reverse voltage V (V)
R
10
-13
10
-12
10
-10
10
-7
10
10
-8
-9
Reverse voltage V (V)
R
1.0
10
60
50
20
10
0
0.5
30
40
f=1MHz
30
1.0
10
0
0.6
0.2
0.8
0.4
Reverse voltage V (V)
R
0.5
1.0
30
f=470MHz
0.5
10
-1.5
-1.0
-0.5
0
Reverse voltage V (V)
R
-2.0
1.0
30



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com