Electronic Components Datasheet Search
  English  ▼

X  

P3G-08 Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # P3G-08
Description  Separate Amplifier Sensor with Sensitivity Adjustment
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

P3G-08 Datasheet(HTML) 3 Page - Omron Electronics LLC

  P3G-08 Datasheet HTML 1Page - Omron Electronics LLC P3G-08 Datasheet HTML 2Page - Omron Electronics LLC P3G-08 Datasheet HTML 3Page - Omron Electronics LLC P3G-08 Datasheet HTML 4Page - Omron Electronics LLC P3G-08 Datasheet HTML 5Page - Omron Electronics LLC P3G-08 Datasheet HTML 6Page - Omron Electronics LLC P3G-08 Datasheet HTML 7Page - Omron Electronics LLC P3G-08 Datasheet HTML 8Page - Omron Electronics LLC P3G-08 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
E2C/E2C-H
3
Ratings and Specifications
Standard Models
Sensors
*1. The minimum value when using the solid-state control output on the Amplifier Unit.
Measurement conditions are as follows: standard sensing object, a distance of twice the standard sensing object, and a set distance of half the sensing distance.
*2. Refer to 6 for cable lengths when combining Amplifier Units and Sensors.
The characteristic impedance of the high-frequency coaxial cable is 50
Ω.
Model
E2C-CR8A/
-CR8B
E2C-X1A/
-C1A
E2C-X1R5A
E2C-X2A
E2C-X5A
E2C-X10A
E2C-C20MA
Item
Sensing distance
(at 23
°C)
1.8 mm
2 mm
3 mm
5 mm
10 mm
18 mm
50 mm
Stable
sensing
area
Ambient
temperature
0 to 0.8 mm
0 to 1 mm
0 to 1.5 mm
0 to 2 mm
0 to 5 mm
0 to 10 mm
0 to 20 mm
At 0 to 40
°C
0 to 1.2 mm
0 to 1.5 mm
0 to 2 mm
0 to 2.5 mm
0 to 7 mm
0 to 15 mm
0 to 28 mm
Differential travel
Refer to Ratings and Specifications on page 4 for Amplifier Unit specifications.
Detectable object
Ferrous metal (The sensing distance decreases with non-ferrous metal. Refer to Engineering Data on page 7.)
Standard sensing ob-
ject
Iron, 5
× 5 × 1 mm
Iron, 8
× 8 ×
1mm
Iron, 12
× 12 ×
1 mm
Iron, 18
× 18 ×
1 mm
Iron, 30
× 30 ×
1 mm
Iron, 50
× 50 ×
1 mm
Response
frequency *1
1 kHz
800 Hz
350 Hz
100 Hz
50 Hz
Ambient
temperature range
Operating/Storage:
−25 to 70°C (with no icing or condensation)
Ambient
humidity range
Operating/Storage: 35% to 95% (with no condensation)
Temperature
influence
15% max. of sensing distance at 23
°C in the temperature range of −25 to 70°C
Vibration resistance
Destruction: 10 to 55 Hz, 1.5-mm double amplitude for 2 hours each in X and Y directions
Shock resistance
Destruction: 500 m/s2 3 times each in X and Y directions
Degree of protection
IEC 60529 IP67, in-house standards: oil-resistant
Connection method *2
Pre-wired Models
High-frequency coaxial cable (Standard cable length: 3 m)
Weight
(packed state)
Approx. 40 g
Approx. 45 g
Approx. 50 g
Approx. 60 g
Approx. 140 g
Approx. 270 g
Approx. 300 g
Materi-
als
Case
Stainless steel
Brass
Sensing
surface
ABS resin
Cable
Polyethylene
Clamping nut
---
Brass, nickel-plated (except E2C-C1A)
Toothed
washer
---
Brass, zinc-plated (except E2C-C1A)
Accessories
---



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com