Electronic Components Datasheet Search
  English  ▼

X  

HVC375B Datasheet(PDF) 1 Page - Hitachi Semiconductor

Part # HVC375B
Description  Variable Capacitance Diode for VCO
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HVC375B Datasheet(HTML) 1 Page - Hitachi Semiconductor

  HVC375B Datasheet HTML 1Page - Hitachi Semiconductor HVC375B Datasheet HTML 2Page - Hitachi Semiconductor HVC375B Datasheet HTML 3Page - Hitachi Semiconductor HVC375B Datasheet HTML 4Page - Hitachi Semiconductor HVC375B Datasheet HTML 5Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
HVC375B
Variable Capacitance Diode for VCO
ADE-208-625 (Z)
Rev.0
Feb. 1999
Features
• Low tolerance.
• Low series resistance. (rs=1.1Ω max)
• Good C-V linearity.
• Ultra small Flat Package (UFP) is suitable for surface mount design.
Ordering Information
Type No.
Laser Mark
Package Code
HVC375B
B8
UFP
Outline
12
B8
Cathode mark
Mark
1. Cathode
2. Anode


Similar Part No. - HVC375B

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HVC375B RENESAS-HVC375B Datasheet
128Kb / 5P
Variable Capacitance Diode for VCO
More results

Similar Description - HVC375B

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HVC372B HITACHI-HVC372B Datasheet
24Kb / 5P
Variable Capacitance Diode for VCO
logo
Leshan Radio Company
HVC369B LRC-HVC369B Datasheet
41Kb / 2P
Variable Capacitance Diode for VCO
logo
Hitachi Semiconductor
HVC379B HITACHI-HVC379B Datasheet
20Kb / 5P
Variable Capacitance Diode for VCO
HVD355B HITACHI-HVD355B Datasheet
36Kb / 5P
Variable Capacitance Diode for VCO
logo
Renesas Technology Corp
HVC381B RENESAS-HVC381B Datasheet
140Kb / 5P
Variable Capacitance Diode for VCO
logo
Hitachi Semiconductor
HVD369B HITACHI-HVD369B Datasheet
35Kb / 5P
Variable Capacitance Diode for VCO
logo
Renesas Technology Corp
HVC386B RENESAS-HVC386B Datasheet
139Kb / 5P
Variable Capacitance Diode for VCO
HVL375B RENESAS-HVL375B Datasheet
65Kb / 5P
Variable Capacitance Diode for VCO
HVD350B RENESAS-HVD350B Datasheet
141Kb / 5P
Variable Capacitance Diode for VCO
RKV601KP RENESAS-RKV601KP Datasheet
66Kb / 5P
Variable Capacitance Diode for VCO
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com