Electronic Components Datasheet Search
  English  ▼

X  

HVM16 Datasheet(PDF) 2 Page - Hitachi Semiconductor

Part # HVM16
Description  Variable Capacitance Diode for FM tuner
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HVM16 Datasheet(HTML) 2 Page - Hitachi Semiconductor

  HVM16 Datasheet HTML 1Page - Hitachi Semiconductor HVM16 Datasheet HTML 2Page - Hitachi Semiconductor HVM16 Datasheet HTML 3Page - Hitachi Semiconductor HVM16 Datasheet HTML 4Page - Hitachi Semiconductor HVM16 Datasheet HTML 5Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
HVM16
2
Absolute Maximum Ratings (Ta = 25
°C)
Item
Symbol
Value
Unit
Reverse voltage
V
R
14
V
Junction temperature
Tj
125
°C
Storage temperature
Tstg
-45 to +125
°C
Electrical Characteristics (Ta = 25
°C) *1
Item
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse voltage
V
R
14

VI
R = 10µA
Reverse current
I
R

50
nA
V
R =9V
Capacitance
C
2
43.0
48.1
pF
V
R = 2V, f = 1 MHz
C
8
24.6
29.2
V
R = 8V, f = 1 MHz
Capacitance ratio
n
16.5
1.75
C
2/ C8
Figure of merit
Q
75

V
R =2V, f = 100 MHz
Notes
1. Per one device.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com