Electronic Components Datasheet Search
  English  ▼

X  

B260010 Datasheet(PDF) 1 Page - E-SWITCH

Part # B260010
Description  All Dimension In MM
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

B260010 Datasheet(HTML) 1 Page - E-SWITCH

  B260010 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ISOMETRIC
ISOMETRIC
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
TL1220S1NNBGN
4
3/30/2010
B260010
B
BLR
1
1
MCD
400
V
mA
UNITS
LUMINOUS INTENSITY @ 20mA
LED SPECS
FORWARD VOLTAGE @20mA
FORWARD CURRENT
2.1-2.5
20
GREEN
4
3 +
1
2
-
6
5
A
18431
Release for Production
3/26/10
BLR
NOTES:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X=±0.4
X.XX=±0.25
3. RATING: 12VDC @ 50mA
4. CONTACT RESISTANCE: 100 Milli-OHMS MAX.
5. INSULATION RESISTANCE: 100 Mega-OHMS MIN.
6. OPERATING FORCE: 180`50gf
7. TRAVEL: 0.2`0.1mm
8. OPERATING TEMPERATURE: -20~C TO 70~C
9. OPEREATING LIFE: 500,000 CYCLES
10. LED: GREEN
11.
DENOTES CRITICAL PARAMETERS
12. 2002/95/EC (ROHS) COMPLIANT
13. PARTS TO BE PACKAGE 100 PARTS PER TRAY.
5.40
[.213 in]
5.08
[.200 in]
5.08
[.200 in]
2.54
[.100 in]
n1.00
[.039 in]
DOT MARKING
INDICATES
CATHODE
2.54
[.100 in]
2
4
-
4
3
+
1
2
3
4
5
6
-
+
GREEN LED
CIRCUIT: SPST
CATHODE
ANODE
5
6
9.90
[.390 in]
6.50
[.256 in]
.40
[.016 in]
3.50
[.138 in]
4.00
[.157 in]
5.40
[.213 in]
5.08
[.200 in]
.30
[.012 in]
5.08
[.200 in]
6.00
[.236 in]
.70
[.028 in]
.50
[.020 in]
.90
[.035 in]
LOCATING
PIN (HIDDEN)
B
18978
SQUARE BUTTON NOW SHOWN
3/30/10
BLR
CAP COLOR
BLACK
7.50
[.295 in]
SQ.


Similar Part No. - B260010

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
B260011 E-SWITCH-B260011 Datasheet
110Kb / 1P
All Dimension In MM
B260012 E-SWITCH-B260012 Datasheet
173Kb / 1P
ALL DIMENSIONS IN MM [INCH]
B260013 E-SWITCH-B260013 Datasheet
93Kb / 1P
All Dimension In MM
B260014 E-SWITCH-B260014 Datasheet
144Kb / 1P
All Dimension In MM
B260015 E-SWITCH-B260015 Datasheet
173Kb / 1P
All Dimension In MM
More results

Similar Description - B260010

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
XR0119B E-SWITCH-XR0119B Datasheet
26Kb / 1P
All Dimension In MM
XR0123B E-SWITCH-XR0123B Datasheet
27Kb / 1P
All Dimension In MM
XR0126B E-SWITCH-XR0126B Datasheet
27Kb / 1P
All Dimension In MM
XR0143P E-SWITCH-XR0143P Datasheet
35Kb / 1P
All Dimension In MM
XR0144P E-SWITCH-XR0144P Datasheet
35Kb / 1P
All Dimension In MM
XR0150P E-SWITCH-XR0150P Datasheet
26Kb / 1P
All Dimension In MM
XR0153P E-SWITCH-XR0153P Datasheet
26Kb / 1P
All Dimension In MM
XR0166P E-SWITCH-XR0166P Datasheet
35Kb / 1P
All Dimension In MM
XR0180P E-SWITCH-XR0180P Datasheet
33Kb / 1P
All Dimension In MM
M301100 E-SWITCH-M301100 Datasheet
34Kb / 1P
All Dimension In MM
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com