Electronic Components Datasheet Search
  English  ▼

X  

B260021 Datasheet(PDF) 1 Page - E-SWITCH

Part # B260021
Description  All Dimension In MM
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

B260021 Datasheet(HTML) 1 Page - E-SWITCH

  B260021 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
TL1220S4NNBB-SQUARE
9/9/2014
B260021
A
EBP
1
1
BLUE
2.8 TYP - 4.0 MAX
FORWARD CURRENT
FORWARD VOLTAGE @ 5mA
LED SPECS
UNITS
mA
5
LUMINOUS INTENSITY @ 5mA
V
MCD
25 TYP - 60 MAX
3
-
1
4 +
2
A
21569
INITIAL RELEASE
9/9/14
EBP
4
2
1
CIRCUIT: SPST
3
BLUE LED
6
5
+
-
NOTES:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X=±0.4
X.XX=±0.25
3. RATING: 12VDC @ 50mA
4. CONTACT RESISTANCE: 100mW
W
W
W MAX.
5. INSULATION RESISTANCE: 100MW
W
W
W MIN.
6. OPERATING FORCE: 180`50gf
7. TRAVEL: 0.2`0.1mm
8. OPERATING TEMPERATURE: -20~C TO 70~C
9. OPEREATING LIFE: 500,000 CYCLES
10. LED: BLUE
11.
DENOTES CRITICAL PARAMETERS
12. 2002/95/EC (ROHS) COMPLIANT
13. PARTS TO BE PACKAGED 126 PARTS PER TRAY
2.54
[.100 in]
5.08
[.200 in]
5.08
[.200 in]
2.54
[.100 in]
n1.00
[.039 in]
7.90
[.311 in]
9.60
[.378 in]
16.90
[.665 in]
3.20
[.126 in]
SQ
18.60
[.732 in]
5.08
[.200 in]
.70
[.028 in]
.50
[.020 in]
1
3
5.00
[.197 in]
7.10
[.280 in]
7.15
[.281 in]
3.50
[.138 in]
4.00
[.157 in]
.40
[.016 in]
5.08
[.200 in]
5.40
[.213 in]
.30
[.012 in]
- 3
4 +
TRANSLUCIENT
SQUARE
BLACK
BUTTON


Similar Part No. - B260021

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
B260020 E-SWITCH-B260020 Datasheet
148Kb / 1P
All Dimension In MM
B260022 E-SWITCH-B260022 Datasheet
164Kb / 1P
ALL DIMENSIONS IN MM [INCH]
B260023 E-SWITCH-B260023 Datasheet
171Kb / 1P
ALL DIMENSIONS IN MM [INCH]
B260024 E-SWITCH-B260024 Datasheet
172Kb / 1P
ALL DIMENSIONS IN MM [INCH]
B260025 E-SWITCH-B260025 Datasheet
170Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results

Similar Description - B260021

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
XR0119B E-SWITCH-XR0119B Datasheet
26Kb / 1P
All Dimension In MM
XR0123B E-SWITCH-XR0123B Datasheet
27Kb / 1P
All Dimension In MM
XR0126B E-SWITCH-XR0126B Datasheet
27Kb / 1P
All Dimension In MM
XR0143P E-SWITCH-XR0143P Datasheet
35Kb / 1P
All Dimension In MM
XR0144P E-SWITCH-XR0144P Datasheet
35Kb / 1P
All Dimension In MM
XR0150P E-SWITCH-XR0150P Datasheet
26Kb / 1P
All Dimension In MM
XR0153P E-SWITCH-XR0153P Datasheet
26Kb / 1P
All Dimension In MM
XR0166P E-SWITCH-XR0166P Datasheet
35Kb / 1P
All Dimension In MM
XR0180P E-SWITCH-XR0180P Datasheet
33Kb / 1P
All Dimension In MM
M301100 E-SWITCH-M301100 Datasheet
34Kb / 1P
All Dimension In MM
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com