Electronic Components Datasheet Search
  English  ▼

X  

PCF8562 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PCF8562
Description  Universal LCD driver for low multiplex rates
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8562 Datasheet(HTML) 5 Page - NXP Semiconductors

  PCF8562 Datasheet HTML 1Page - NXP Semiconductors PCF8562 Datasheet HTML 2Page - NXP Semiconductors PCF8562 Datasheet HTML 3Page - NXP Semiconductors PCF8562 Datasheet HTML 4Page - NXP Semiconductors PCF8562 Datasheet HTML 5Page - NXP Semiconductors PCF8562 Datasheet HTML 6Page - NXP Semiconductors PCF8562 Datasheet HTML 7Page - NXP Semiconductors PCF8562 Datasheet HTML 8Page - NXP Semiconductors PCF8562 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
PCF8562
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 6 — 16 June 2011
5 of 43
NXP Semiconductors
PCF8562
Universal LCD driver for low multiplex rates
6.2 Pin description
Table 3.
Pin description
Symbol
Pin
Type
Description
SDA
10
input/output
I2C-bus serial data line
SCL
11
input
I2C-bus serial clock
SYNC
12
input/output
cascade synchronization
CLK
13
input/output
clock line
VDD
14
supply
supply voltage
OSC
15
input
internal oscillator enable
A0 to A2
16 to 18
input
subaddress inputs
SA0
19
input
I2C-bus address input
VSS
20
supply
ground supply voltage
VLCD
21
supply
LCD supply voltage
BP0 to BP3
22 to 25
output
LCD backplane outputs
S0 to S22,
S23 to S31
26 to 48,
1 to 9
output
LCD segment outputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com