Electronic Components Datasheet Search
  English  ▼

X  

ST111116 Datasheet(PDF) 1 Page - E-SWITCH

Part # ST111116
Description  ALL DIMENSIONS IN MM [INCH]
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

ST111116 Datasheet(HTML) 1 Page - E-SWITCH

  ST111116 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ISOMETRIC
ISOMETRIC
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
100DP6T7B18M1REH
2:1
4/11/2007
ST111116
A
TN
1
1
A
17178
RELEASED FOR PRODUCTION
4/11/07
TN
NOTE:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X=±0.4
X.XX=±0.25
3. TERMINAL NUMBERS FOR REF ONLY
4. PLATING MATERIAL: GOLD
5. RATING: 0.4VA MAX. @ 20VAC OR DC
6. ELECTRIC LIFE: 40,000 MAKE-AND-BREAK CYCLES
AT FULL LOAD.
7. INSULATION RESISTANCE: 1,000 MEGA-OHM MIN.
8. DIELECTRIC STRENGTH: 1,000 V RMS @SEA LEVEL.
9. OPERATING TEMP.: -30°C to 85°C
10.
DENOTES CRITICAL PARAMETER.
11. 2002/95/EC (ROHS) COMPLIANT.
12. PACKAGE: TRAY/36 PIECES PER
13. HARDWARE TO BE SHIPPED BULK:
T100012 - LOCKWASHER, QTY 1
T100003 - LOCK RING, QTY 1
T100004 - HEX NUT, QTY 2
POS. 1
POS. 2
POS. 3
SWITCH FUNCTION
ON
ON
ON
2-3, 5-6
2-3, 5-4
2-1, 5-4
E-SWITCH
MARKING ON
OPPOSITE SIDE
4
5
6
6
8.89
[.350 in]
11.38
[.448 in]
12.70
[.500 in]
11.43
[.450 in]
3
25
~
POS. 1
POS. 2
POS. 3
DPDT 3 WAY CIRCUIT
NOTE: JUMPER PIN 3 TO 5
(OUT) 6
5
4
3
2 (IN)
1
6
5
4
6
5
(OUT) 4
3
2 (IN)
1 (OUT)
3
2 (IN)
1
POS. 1
POS. 2
POS. 3
15/32-32 UNS-2A
THREADS
KEYWAY
4.83
[.190 in]
3.96
[.156 in]
1.19
[.047 in]
1.98
[.078 in]
4.70
[.185 in]
12.37
[.487 in]
6.09
[.240 in]
Ø
2.03
[.080 in]
.76
[.030 in]
EPOXY SEAL
1.52
[.060 in]
.51
[.020 in]


Similar Part No. - ST111116

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
ST111111 E-SWITCH-ST111111 Datasheet
213Kb / 1P
ALL DIMENSIONS IN MM [INCH]
ST111112 E-SWITCH-ST111112 Datasheet
130Kb / 1P
ALL DIMENSIONS IN MM [INCH]
ST111114 E-SWITCH-ST111114 Datasheet
101Kb / 1P
ALL DIMENSIONS IN MM [INCH]
ST111115 E-SWITCH-ST111115 Datasheet
128Kb / 1P
ALL DIMENSIONS IN MM [INCH]
ST111117 E-SWITCH-ST111117 Datasheet
103Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results

Similar Description - ST111116

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T700103 E-SWITCH-T700103 Datasheet
30Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T700203 E-SWITCH-T700203 Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T700400 E-SWITCH-T700400 Datasheet
31Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T800300 E-SWITCH-T800300 Datasheet
66Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T800501 E-SWITCH-T800501 Datasheet
41Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T811002 E-SWITCH-T811002 Datasheet
76Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0106P E-SWITCH-XR0106P Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0108P E-SWITCH-XR0108P Datasheet
33Kb / 1P
ALL DIMENSIONS IN MM[INCH]
B401000 E-SWITCH-B401000 Datasheet
154Kb / 1P
ALL DIMENSIONS IN MM [INCH]
B401006 E-SWITCH-B401006 Datasheet
203Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com